Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 19 Page - Texas Instruments

Part # SN0402002DBVR
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 15Page - Texas Instruments SN0402002DBVR Datasheet HTML 16Page - Texas Instruments SN0402002DBVR Datasheet HTML 17Page - Texas Instruments SN0402002DBVR Datasheet HTML 18Page - Texas Instruments SN0402002DBVR Datasheet HTML 19Page - Texas Instruments SN0402002DBVR Datasheet HTML 20Page - Texas Instruments SN0402002DBVR Datasheet HTML 21Page - Texas Instruments SN0402002DBVR Datasheet HTML 22Page - Texas Instruments SN0402002DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Monitored
Voltage
RP1
Pullup
Voltage
1
2
3
4
5
6
MR
Signal
RP2
Pullup
Voltage
RSTSENSE
Flag
RSTVDD
Flag
R1
R2
TPS3106
CVDD
TPS3103, TPS3106, TPS3110
www.ti.com
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
10 Power Supply Recommendations
These devices are designed to operate from an input supply with a voltage range between 0.9 V and 3.3 V.
Though not required, it is good analog design practice to place a 0.1-
μF ceramic capacitor close to the VCC pin if
the input supply is noisy.
11 Layout
11.1 Layout Guidelines
Follow these guidelines to lay out the printed-circuit-board (PCB) that is used for the TPS310x and TPS3110x
family of devices.
•
Place the VDD decoupling capacitor close to the device.
•
Avoid using long traces for the VCC supply node. The VCC capacitor (CVDD), along with parasitic inductance
from the supply to the capacitor, can form an LC tank and create ringing with peak voltages above the
maximum VDD voltage.
11.2 Layout Example
Figure 19. Example Layout (DBV Package)
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS3103 TPS3106 TPS3110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com