Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # SN0402002DBVR
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 11Page - Texas Instruments SN0402002DBVR Datasheet HTML 12Page - Texas Instruments SN0402002DBVR Datasheet HTML 13Page - Texas Instruments SN0402002DBVR Datasheet HTML 14Page - Texas Instruments SN0402002DBVR Datasheet HTML 15Page - Texas Instruments SN0402002DBVR Datasheet HTML 16Page - Texas Instruments SN0402002DBVR Datasheet HTML 17Page - Texas Instruments SN0402002DBVR Datasheet HTML 18Page - Texas Instruments SN0402002DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TPS3110K33
GND
SENSE
GND
R1
R2
DSP
RESET
GND
WDI
Px.y
V
=
(CORE_TH)
0.551 Vx R1+ R2
R2
V
DD
RESET
V
CORE
V
IO
3.3V
1.5V
MR
TPS3103H20
PFI
GND
R1
R2
MSP430
RESET
GND
Analog
Circuit
Px.x
Py.x
RESET
PFO
V
DD
V
DD
Low-Power C
2 V
–2 V
MR
(1)
(1)
V
= 0.551 V
(NEG_TH)
–
R2
R1
(V
0.551 V)
DD –
TPS3103, TPS3106, TPS3110
www.ti.com
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
Feature Description (continued)
(1)
Resistor may be integrated in microcontroller.
Figure 15. TPS3103 Monitoring a Negative Voltage
Figure 16. TPS3110 in a DSP-System Monitoring Both Supply Voltages
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS3103 TPS3106 TPS3110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com