Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0402002DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN0402002DBVR
Description  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 8Page - Texas Instruments SN0402002DBVR Datasheet HTML 9Page - Texas Instruments SN0402002DBVR Datasheet HTML 10Page - Texas Instruments SN0402002DBVR Datasheet HTML 11Page - Texas Instruments SN0402002DBVR Datasheet HTML 12Page - Texas Instruments SN0402002DBVR Datasheet HTML 13Page - Texas Instruments SN0402002DBVR Datasheet HTML 14Page - Texas Instruments SN0402002DBVR Datasheet HTML 15Page - Texas Instruments SN0402002DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
_
+
_
+
Reset Logic
and Timer
0.551 V
V
DD
MR
PFI
GND
RESET
PFO
TPS3103
TPS3103, TPS3106, TPS3110
SLVS363F – AUGUST 2001 – REVISED NOVEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The TPS310x and TPS311x families of supervisory circuits operate from supply voltages from 0.9 V to 3.3 V and
provide circuit initialization and timing supervision for DSP- and processor-based systems. During power-on,
RESET is asserted when the supply voltage (VDD) exceeds 0.4 V. The devices monitor VDD and keep the RESET
output low as long as VDD remains below the threshold voltage (VIT–). To ensure proper system reset, after VDD
surpasses the threshold voltage plus the hysteresis (VIT– + VHYS) an internal timer delays the transition of the
RESET signal from low to high for the specified time. The delay time starts after VDD has risen above (VIT– +
VHYS). When VDD drops below VIT–, the output becomes active again.
All the devices of this family have a fixed-VDD threshold voltage (VIT–) set by an internal voltage divider. The
TPS3103 and TPS3106 devices both have an active-low, open-drain RESET output. The TPS3103 device has
an integrated power-fail input (PFI) and corresponding power-fail output (PFO) that can be used for low-battery
detection or for monitoring a power supply other than the input supply. The TPS3106 device has a SENSE input
with a corresponding output (RSTSENSE) for monitoring voltages other than the input supply. The TPS3110
device has an active-low push/pull RESET and a watchdog timer that is used for monitoring the operation of
microprocessors. All three devices have manual reset pin (MR) that can be used to force the outputs low
regardless of the sensed voltages.
8.2 Functional Block Diagrams
Figure 12. TPS3103 Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TPS3103 TPS3106 TPS3110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com