Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 50Page - NXP Semiconductors PCF8833 Datasheet HTML 51Page - NXP Semiconductors PCF8833 Datasheet HTML 52Page - NXP Semiconductors PCF8833 Datasheet HTML 53Page - NXP Semiconductors PCF8833 Datasheet HTML 54Page - NXP Semiconductors PCF8833 Datasheet HTML 55Page - NXP Semiconductors PCF8833 Datasheet HTML 56Page - NXP Semiconductors PCF8833 Datasheet HTML 57Page - NXP Semiconductors PCF8833 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 112 page
background image
2003 Feb 14
54
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Temperature compensation is implemented by adding an
offset to the VOP value. Previously, in Section 6.2.31, VOP
was calculated by adding VPR, VCON and MMVOPCAL
settings together. Now, an additional offset VT is added.
The final result for VLCD calculation is a 9-bit positive
number. Care must be taken by the user to ensure that the
ranges of VPR, MMVOPCAL, VCON and temperature
compensation do not cause clipping, and hence undesired
results (see Fig.24). The adders will not permit overflow or
underflow and will clamp results to either end of the range
(VOP = 0 or 445). Also, temperatures outside the range
−40 to +79 °C will be clamped to the last valid offset.
The temperature readout generates an 8-bit result TD[7:0].
This temperature readout number is used for temperature
compensation.
The resolution of the readout is
(
−40 to +80 °C)/128 = 0.9375 °C/LSB; where 0
represents
−40 °C and 127 represents +79 °C;
see Section 6.2.44.
The temperature readout function can also be used to read
back the temperature value via the interface;
see equation (12).
The offset value may be calculated from Table 67. The
effect on VLCD can be calculated by multiplying the offset
value with the value of b.
For example T =
−8 °C: TD = 34 and MB = 0.5:
VLCD(OS) =40mV × (64 − 34) × 0.5 = 600 mV.
A complete overview of the programming range of VLCD
can be found in Section 15.1.
handbook, full pagewidth
MGU939
8
8
TD
SLA
SLB
SLC
SLD
TEMPERATURE
READOUT
VPR[8:0]
VOP[8:0]
9
OFFSET
VT
VLCD
a
b
MMVOPCAL[5:0]
VCON[5:0]
T (
°C)
−40
0
zero
offset
+80
Fig.30 Segmented temperature compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com