Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 29Page - NXP Semiconductors PCF8833 Datasheet HTML 30Page - NXP Semiconductors PCF8833 Datasheet HTML 31Page - NXP Semiconductors PCF8833 Datasheet HTML 32Page - NXP Semiconductors PCF8833 Datasheet HTML 33Page - NXP Semiconductors PCF8833 Datasheet HTML 34Page - NXP Semiconductors PCF8833 Datasheet HTML 35Page - NXP Semiconductors PCF8833 Datasheet HTML 36Page - NXP Semiconductors PCF8833 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
2003 Feb 14
33
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.24
VERTICAL SCROLLING DEFINITION
In the PCF8833 three different scrolling modes can be used. These scrolling modes differ from each other in the way the
RAM to display mapping is done. The vertical scrolling is defined as follows:
• Vertical scrolling definition (VSCRDEF) command
• TF[7:0] defines the number of lines for the top fixed area on the display, there is no top fixed area when TF[7:0] = 0
• SA[7:0] defines the number of lines for the scrolling area on the display
• BF[7:0] defines the number of lines for the bottom fixed area on the display, there is no bottom fixed area when
BF[7:0] = 0.
Figure 12 illustrates the 4 scrolling configurations that can be defined.
Table 34 Vertical scrolling definition register bits
There are 3 different scrolling modes, which are selected as follows:
1. TF + SA + BF = 130 rolling Scroll mode; see Section 6.2.24.1
2. TF + SA + BF = 131 non-rolling Scroll mode; see Section 6.2.24.2
3. TF + SA + BF = 132 non-rolling Scroll mode; see Section 6.2.24.3.
The recommended sequence for setting up the scroll modes is illustrated in Fig.13.
D/C
76543210
DEFAULT
000110011
33H
1TF7
TF6
TF5
TF4
TF3
TF2
TF1
TF0
00H
1SA7
SA6
SA5
SA4
SA3
SA2
SA1
SA0
82H
1BF7
BF6
BF5
BF4
BF3
BF2
BF1
BF0
00H
handbook, full pagewidth
MGU921
centre screen scroll
bottom screen scroll
top screen scroll
whole screen scroll
Fixed area (RAM content displayed)
Scrolling area
Fig.12 Scrolling modes on the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com