Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 14Page - NXP Semiconductors PCF8833 Datasheet HTML 15Page - NXP Semiconductors PCF8833 Datasheet HTML 16Page - NXP Semiconductors PCF8833 Datasheet HTML 17Page - NXP Semiconductors PCF8833 Datasheet HTML 18Page - NXP Semiconductors PCF8833 Datasheet HTML 19Page - NXP Semiconductors PCF8833 Datasheet HTML 20Page - NXP Semiconductors PCF8833 Datasheet HTML 21Page - NXP Semiconductors PCF8833 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
2003 Feb 14
18
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.7
READ DISPLAY STATUS
The Read Display Status (RDDST) command returns a
32-bit display status information and can be accessed
when the PCF8833 is in normal Display mode (see
Section 6.2.11), in partial Display mode (see
Section 6.2.23) or in Sleep_IN mode; see Section 6.2.8.
The input and output data format is as follows: After the
command byte 09H is sent, the read starts with one
dummy clock cycle followed by the 4 status bytes (see
Fig.48).
When less than 33 read clock cycles are sent in Serial
mode the status read must be interrupted by a hardware
reset or a rising edge of SCE.
The definition of the display status bits is given in Table 11.
Table 12 Read display status register bits
Table 13 RDDST data format for Serial mode
Table 14 RDDST data format for Parallel mode
D/C
7
6543210
DEFAULT
0
0
0001001
09H
BIT
D/C
76543210
DEFAULT
(S)DIN
000001001
09H
(S)DOUT
−
X (only one dummy clock cycle, not a full byte)
XX
(S)DOUT
−
D31
D30
D29
D28
D27
D26
0
0
XX
−
0
D22
D21
D20
D19
D18
D17
D16
XX
−
D15
0
D13
D12
D11
D10
D9
0
XX
−
00000000
XX
D/C
7
6543210
DEFAULT
0
0
0001001
09H
1
X
XXXXXXX
XX
1
D31
D30
D29
D28
D27
D26
0
0
XX
1
0
D22
D21
D20
D19
D18
D17
D16
XX
1
D15
0
D13
D12
D11
D10
D9
0
XX
1
0
0000000
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com