Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8833 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8833
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8833 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8833 Datasheet HTML 21Page - NXP Semiconductors PCF8833 Datasheet HTML 22Page - NXP Semiconductors PCF8833 Datasheet HTML 23Page - NXP Semiconductors PCF8833 Datasheet HTML 24Page - NXP Semiconductors PCF8833 Datasheet HTML 25Page - NXP Semiconductors PCF8833 Datasheet HTML 26Page - NXP Semiconductors PCF8833 Datasheet HTML 27Page - NXP Semiconductors PCF8833 Datasheet HTML 28Page - NXP Semiconductors PCF8833 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
2003 Feb 14
25
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.16
SET CONTRAST
Using the Set contrast command (SETCON) the VLCD voltage and the contrast of the LCD can be adjusted. The influence
of the VCON[6:0] register on the VLCD programming is explained in Section 6.2.31. The VCON[6:0] is a twos complement
number; see Table 26. An overview over the complete programming range of VLCD can be found in Section 15.1.
Table 25 Set contrast register bits
Table 26 Possible VCON values
6.2.17
DISPLAY OFF
The Display off command (DISPOFF) connects all rows and columns to VSS1, i.e. all the pixels have a voltage of 0 V.
Since the reset state of the PCF8833 is Sleep_IN (see Section 6.2.8) the display will be in the off state after a reset.
The DISPOFF command can be switched off by sending the Display on command (DISPON); see Section 6.2.18.
Figure 7 shows the effects of the combination of commands BSTRON and BSTROFF with DISPON and DISPOFF.
Table 27 Display off register bits
6.2.18
DISPLAY ON
Using the Display on command (DISPON) the rows and columns are driven according to the current display data RAM
content and according to the display timing and settings.
The DISPON command is used to exit the DISPOFF state; see Section 6.2.17.
Figure 4 gives additional information on the effect of the DISPON/DISPOFF command. Figure 7 shows the effects of the
combination of commands BSTRON and BSTROFF with DISPON and DISPOFF.
D/C
76543210
DEFAULT
000100101
25H
1
X
VCON6
VCON5
VCON4
VCON3
VCON2
VCON1
VCON0
00H
VCON[6:0]
DECIMAL EQUIVALENT
VLCD OFFSET
0111111
63
2520 mV
0111110
62
2480 mV
0111101
61
2440 mV
:::
0000010
2
80 mV
0000001
1
40 mV
0000000
0
0 mV
1111111
−1
−40 mV
1111110
−2
−80 mV
:::
1000010
−62
−2480 mV
1000001
−63
−2520 mV
1000000
−64
−2560 mV
D/C
76543210
DEFAULT
000101000
28H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com