Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8406
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 10Page - Cirrus Logic CS8406 Datasheet HTML 11Page - Cirrus Logic CS8406 Datasheet HTML 12Page - Cirrus Logic CS8406 Datasheet HTML 13Page - Cirrus Logic CS8406 Datasheet HTML 14Page - Cirrus Logic CS8406 Datasheet HTML 15Page - Cirrus Logic CS8406 Datasheet HTML 16Page - Cirrus Logic CS8406 Datasheet HTML 17Page - Cirrus Logic CS8406 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
CS8406
14
DS580F1
4. THREE-WIRE SERIAL INPUT AUDIO PORT
A 3-wire serial audio input port is provided. The interface format can be adjusted to suit the at-
tached device through the control registers. The following parameters are adjustable:
•
Master or slave
•
Serial clock frequency
•
Audio data resolution
•
Left or right justification of the data relative to left/right clock
•
Optional one-bit cell delay of the first data bit
•
Polarity of the bit clock
•
Polarity of the left/right clock. (By setting the appropriate control bits, many formats are pos-
sible).
Figure 7 shows a selection of common input formats with the corresponding control bit settings.
In master mode, the left/right clock and the serial bit clock are outputs, derived from the OMCK
input pin master clock.
In slave mode, the left/right clock and the serial bit clock are inputs. The left/right clock must be
synchronous to the OMCK master clock, but the serial bit clock can be asynchronous and dis-
continuous if required. The left/right clock should be continuous, but the duty cycle can be less
than the specified typical value of 50% if enough serial clocks are present in each phase to clock
all the data bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com