Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8406
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 21Page - Cirrus Logic CS8406 Datasheet HTML 22Page - Cirrus Logic CS8406 Datasheet HTML 23Page - Cirrus Logic CS8406 Datasheet HTML 24Page - Cirrus Logic CS8406 Datasheet HTML 25Page - Cirrus Logic CS8406 Datasheet HTML 26Page - Cirrus Logic CS8406 Datasheet HTML 27Page - Cirrus Logic CS8406 Datasheet HTML 28Page - Cirrus Logic CS8406 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
CS8406
DS580F1
25
8.4
Clock Source Control (04h)
This register configures the clock sources of various blocks. In conjunction with the Data Flow Control register, var-
ious Receiver/Transmitter/Transceiver modes may be selected.
RUN - Controls the internal clocks, allowing the CS8406 to be placed in a “powered down” low
current consumption, state.
Default = ‘0’
0 - Internal clocks are stopped. Internal state machines are reset. The fully static
control port registers are operational, allowing registers to be read or changed. Reading and
writing the U and C data buffers is not possible. Power consumption is low.
1 - Normal part operation. This bit must be set to 1 to allow the CS8406 to begin operation.
All input clocks should be stable in frequency and phase when RUN is set to 1.
CLK1:0 - Output master clock (OMCK) input frequency to output sample rate (Fs) ratio selector.
If these bits are changed during normal operation, then always stop the CS8406 first (RUN = 0),
write the new value, then start the CS8406 (RUN = 1).
Default = ‘00’
00 - OMCK frequency is 256*Fs
01 - OMCK frequency is 384*Fs
10 - OMCK frequency is 512*Fs
11 - OMCK frequency is 128*Fs
8.5
Serial Audio Input Port Data Format (05h)
SIMS - Master/Slave Mode Selector
Default = ‘0’
0 - Serial audio input port is in slave mode
1 - Serial audio input port is in master mode
SISF - ISCLK frequency (for master mode)
Default = ‘0’
0 - 64*Fs
1 - 128*Fs
SIRES1:0 - Resolution of the input data, for right-justified formats
Default = ‘00’
00 - 24-bit resolution
01 - 20-bit resolution
10 - 16-bit resolution
11 - Reserved
7
6
5
43210
0
RUN
CLK1
CLK0
0000
7
6
5
43210
SIMS
SISF
SIRES1
SIRES0
SIJUST
SIDEL
SISPOL
SILRPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com