Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8406
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 35Page - Cirrus Logic CS8406 Datasheet HTML 36Page - Cirrus Logic CS8406 Datasheet HTML 37Page - Cirrus Logic CS8406 Datasheet HTML 38Page - Cirrus Logic CS8406 Datasheet HTML 39Page - Cirrus Logic CS8406 Datasheet HTML 40Page - Cirrus Logic CS8406 Datasheet HTML 41Page - Cirrus Logic CS8406 Datasheet HTML 42Page - Cirrus Logic CS8406 Datasheet HTML 43Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
CS8406
DS580F1
41
If the channel status block to transmit indicates PRO mode, then the CRCC byte is automatically
calculated by the CS8406, and does not have to be written into the last byte of the block by the
host microcontroller. This is also true if the channel status data is entered serially through the
COPY/C pin when the part is in hardware mode.
15.1.2 Serial Copy Management System (SCMS)
In software mode, the CS8406 allows read/modify/write access to all the channel status bits. For
consumer mode SCMS compliance, the host microcontroller needs to manipulate the Category
Code, Copy bit and L bit appropriately.
In hardware mode, the SCMS protocol can be followed by either using the COPY and ORIG input
pins, or by using the C bit serial input pin. These options are documented in the hardware mode
section of this data sheet.
15.1.3 Channel Status Data E Buffer Access
The E buffer is organized as 24 x 16-bit words. For each word the MS Byte is the A channel data,
and the LS Byte is the B channel data (see Figure 16).
There are two methods of accessing this memory, known as one byte mode and two byte mode.
The desired mode is selected through a control register bit.
15.1.3.1 One Byte mode
In many applications, the channel status blocks for the A and B channels will be identical. In this
situation, if the user reads a byte from one of the channel's blocks, the corresponding byte for the
other channel will be the same. Similarly, if the user wrote a byte to one channel's block, it would
be necessary to write the same byte to the other block. One byte mode takes advantage of the
often identical nature of A and B channel status data.
When reading data in one byte mode, a single byte is returned, which can be from channel A or
B data, depending on a register control bit. If a write is being done, the CS8406 expects a single
E to F interrupt occurs
Optionally set E to F inhibit
If set, clear E to F inhibit
Return
Write E data
Wait for E to F transfer
Figure 17. Flowchart for Writing the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com