Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8406
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8406 Datasheet HTML 31Page - Cirrus Logic CS8406 Datasheet HTML 32Page - Cirrus Logic CS8406 Datasheet HTML 33Page - Cirrus Logic CS8406 Datasheet HTML 34Page - Cirrus Logic CS8406 Datasheet HTML 35Page - Cirrus Logic CS8406 Datasheet HTML 36Page - Cirrus Logic CS8406 Datasheet HTML 37Page - Cirrus Logic CS8406 Datasheet HTML 38Page - Cirrus Logic CS8406 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
CS8406
DS580F1
35
APMS
10
Serial Audio Data Port Master/Slave Select (
Input) - APMS should be connected to VL to set serial
audio input port as a master or connected to GND to set the port as a slave.
HWCK0
HWCK1
20
27
OMCK Clock Ratio Select (
Input) - Selects the ratio of OMCK to the input sample rate (Fs). A pull-up to
VL or pull-down to GND is required to set the appropriate mode. See Table 4 on page 33.
TCBLD
11
Transmit Channel Status Block Direction (
Input) - Connect TCBLD to VL to set TCBL as an output.
Connect TCBLD to GND to set TCBL as an input.
TCBL
15
Transmit Channel Status Block Start (
Input/Output) - When operated as output, TCBL is high during
the first sub-frame of a transmitted channel status block, and low at all other times. When operated as
input, driving TCBL high for at least three OMCK clocks will cause the next transmitted sub-frame to be
the start of a channel status block.
CEN
16
C Bit Enable (
Input) - Determines how the channel status data bits are input. When CEN is low, hard-
ware mode A is selected, where the COPY/C, ORIG, EMPH and AUDIO pins are used to enter selected
channel status data. When CEN is high, hardware mode B is selected, where the COPY/C pin is used to
enter serial channel status data.
V
17
Validity Bit (
Input) - In hardware modes A and B, the V pin input determines the state of the validity bit
in the outgoing AES3 transmitted data. This pin is sampled on both edges of the ILRCK.
U
18
User Data Bit (
Input) - In hardware modes A and B, the U pin input determines the state of the user
data bit in the outgoing AES3 transmitted data. This pin is sampled on both edges of the ILRCK.
COPY/C
1
COPY Channel Status Bit/C Bit (Input) - In hardware mode A (CEN = 0), the COPY/C and ORIG pins
determine the state of the Copyright, Pro, and L Channel Status bits in the outgoing AES3 data stream,
see Table 2 on page 33. In hardware mode B, the COPY/C pin becomes the direct C bit input data pin,
which is sampled on both edges of LRCK.
EMPH
3
Pre-Emphasis Indicator (
Input) - In hardware mode A (CEN = 0), the EMPH pin low sets the 3 empha-
sis channel status bits to indicate 50/15
µs pre-emphasis of the transmitted audio data. If EMPH is high,
then the three EMPH channel status bits are set to 000, indicating no pre-emphasis.
AUDIO
19
Audio Channel Status Bit (
Input) - In hardware mode A (CEN = 0), the AUDIO pin determines the state
of the audio/non audio Channel Status bit in the outgoing AES3 data stream.
ORIG
28
ORIG Channel Status Bit Control (
Input) - In hardware mode A (CEN = 0), the ORIG and COPY/C
pins determine the state of the Copyright, Pro, and L Channel Status bits in the outgoing AES3 data
stream, see Table 2 on page 33.
TEST
2
7
8
Test Pins - These pins are unused inputs. It is recommended that these pins be tied to a supply (VL or
GND) to minimize leakage current. The CS8406 will operate correctly if these pins are left floating, how-
ever current consumption from VL will increase by 25
µA per TEST pin that is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com