Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CS Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8406-CS
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CS Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8406-CS Datasheet HTML 9Page - Cirrus Logic CS8406-CS Datasheet HTML 10Page - Cirrus Logic CS8406-CS Datasheet HTML 11Page - Cirrus Logic CS8406-CS Datasheet HTML 12Page - Cirrus Logic CS8406-CS Datasheet HTML 13Page - Cirrus Logic CS8406-CS Datasheet HTML 14Page - Cirrus Logic CS8406-CS Datasheet HTML 15Page - Cirrus Logic CS8406-CS Datasheet HTML 16Page - Cirrus Logic CS8406-CS Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
CS8406
DS580F1
13
3. GENERAL DESCRIPTION
The CS8406 is a monolithic CMOS device which encodes and transmits audio data according to
the AES3, IEC60958, S/PDIF, and EIAJ CP1201 interface standards. The CS8406 accepts au-
dio, channel status and user data, which is then multiplexed, encoded, and driven onto a cable.
The audio data is input through a configurable, 3-wire input port. The channel status bits and user
bit data are input through an SPI or I²C Mode microcontroller port and may be assembled in sep-
arate block sized buffers.
For systems with no microcontroller, a stand alone mode allows direct access to channel status
and user data input pins.
Target applications include CD-R, DAT, DVD, MD and VTR equipment, mixing consoles, digital
audio transmission equipment, high quality A/D converters, effects processors, set-top TV box-
es, and computer audio systems.
Figure 5 shows the supply and external connections to the CS8406 when configured for opera-
tion with a microcontroller. Figure 6 shows the supply and external connections to the CS8406
when configured for operation without a microcontroller.
3.1
AES3 and S/PDIF Standards Documents
This data sheet assumes that the user is familiar with the AES3 and S/PDIF data formats. It is
advisable to have current copies of the AES3 and IEC60958 specifications on hand for easy ref-
erence.
The latest AES3 standard is available from the Audio Engineering Society or ANSI at
www.aes.org or www.ansi.org. Obtain the latest IEC60958 standard from ANSI or from the Inter-
national Electrotechnical Commission at www.iec.ch. The latest EIAJ CP-1201 standard is avail-
able from the Japanese Electronics Bureau.
Application Note 22:
Overview of Digital Audio Interface Data Structures contains a useful tutorial
on digital audio specifications, but it should not be considered a substitute for the standards.
The paper
An Understanding and Implementation of the SCMS Serial Copy Management Sys-
tem for Digital Audio Transmission, by Clifton Sanchez, is an excellent tutorial on SCMS. It is
available from the AES as reprint 3518.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com