Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CS Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS8406-CS
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CS Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS8406-CS Datasheet HTML 22Page - Cirrus Logic CS8406-CS Datasheet HTML 23Page - Cirrus Logic CS8406-CS Datasheet HTML 24Page - Cirrus Logic CS8406-CS Datasheet HTML 25Page - Cirrus Logic CS8406-CS Datasheet HTML 26Page - Cirrus Logic CS8406-CS Datasheet HTML 27Page - Cirrus Logic CS8406-CS Datasheet HTML 28Page - Cirrus Logic CS8406-CS Datasheet HTML 29Page - Cirrus Logic CS8406-CS Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
CS8406
26
DS580F1
SIJUST - Justification of SDIN data relative to ILRCK
Default = ‘0’
0 - Left-justified
1 - Right-justified
SIDEL - Delay of SDIN data relative to ILRCK, for left-justified data formats
Default = ‘0’
0 - MSB of SDIN data occurs in the first ISCLK period after the ILRCK edge (left justified mode)
1 - MSB of SDIN data occurs in the second ISCLK period after the ILRCK edge (I²S mode)
SISPOL - ISCLK clock polarity
Default = ‘0’
0 - SDIN sampled on rising edges of ISCLK
1 - SDIN sampled on falling edges of ISCLK
SILRPOL - ILRCK clock polarity
Default = ‘0’
0 - SDIN data is for the left channel when ILRCK is high
1 - SDIN data is for the right channel when ILRCK is high
8.6
Interrupt 1 Status (07h) (Read Only)
For all bits in this register, a ‘1’ means the associated interrupt condition has occurred at least once since the register
was last read. A ‘0’ means the associated interrupt condition has NOT occurred since the last reading of the register.
Reading the register resets all bits to ‘0’, unless the interrupt mode is set to level and the interrupt source is still true.
Status bits that are masked off in the associated mask register will always be ‘0’ in this register. This register defaults
to 00h.
TSLIP - AES3 transmitter source data slip interrupt
In data flows where OMCK, which clocks the AES3 transmitter, is asynchronous to the data source,
this bit will go high every time a data sample is dropped or repeated. When TCBL is an input, this bit
will go high on receipt of a new TCBL signal.
EFTC - E to F C-buffer transfer interrupt.
The source for this bit is true during the E to F buffer transfer in the C bit buffer management process.
7
6
5
43210
TSLIP
0
0
000
EFTC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com