Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CS Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8406-CS
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CS Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8406-CS Datasheet HTML 28Page - Cirrus Logic CS8406-CS Datasheet HTML 29Page - Cirrus Logic CS8406-CS Datasheet HTML 30Page - Cirrus Logic CS8406-CS Datasheet HTML 31Page - Cirrus Logic CS8406-CS Datasheet HTML 32Page - Cirrus Logic CS8406-CS Datasheet HTML 33Page - Cirrus Logic CS8406-CS Datasheet HTML 34Page - Cirrus Logic CS8406-CS Datasheet HTML 35Page - Cirrus Logic CS8406-CS Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
CS8406
32
DS580F1
10.HARDWARE MODE
The CS8406 has a hardware mode that allows the use of the device without a microcontroller.
Hardware mode is selected by connecting the H/S pin to VL. The flexibility of the CS8406 is nec-
essarily limited in hardware mode. Various pins change function as described in the hardware
mode pin description section.
The hardware mode data flow is shown in Figure 12. Audio data is input through the serial audio
input port and routed to the AES3 transmitter.
10.1 Channel Status, User and Validity Data
The transmitted channel status, user and validity data can be input in two methods, determined
by the state of the CEN pin. Mode A is selected when the CEN pin is low. In mode A, the user bit
data and the validity bit are input through the U and V pins, clocked by both edges of ILRCK. The
channel status data is derived from the state of the COPY/C, ORIG, EMPH, and AUDIO pins.
Table 2 shows how the COPY/C and ORIG pins map to channel status bits. In consumer mode,
the transmitted category code is set to General (00h).
Mode B is selected when the CEN pin is high. In mode B, the channel status, user data bits and
the validity bit are input serially through the COPY/C, U and V pins. Data is clocked into these
pins at both edges of ILRCK. Figure 8 shows the timing requirements.
AES3
Encoder
&Tx
Serial
Audio
Input
C, U, V Data Buffer
ILRCK
ISCLK
TXP
COPY/C ORIG EMPH AUDIO
VL
H/S
Output
Clock
Source
OMCK
Power supply pins are omitted from this diagram.
Please refer to the Typical Connection Diagram for hook-up details.
SDIN
SFMT1 SFMT0
TXN
CEN
U
V
APMS
TCBL
TCBLD
RST
Figure 12. Hardware Mode Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com