Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8406-CS Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8406-CS
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CS Datasheet(HTML) 2 Page - Cirrus Logic

  CS8406-CS Datasheet HTML 1Page - Cirrus Logic CS8406-CS Datasheet HTML 2Page - Cirrus Logic CS8406-CS Datasheet HTML 3Page - Cirrus Logic CS8406-CS Datasheet HTML 4Page - Cirrus Logic CS8406-CS Datasheet HTML 5Page - Cirrus Logic CS8406-CS Datasheet HTML 6Page - Cirrus Logic CS8406-CS Datasheet HTML 7Page - Cirrus Logic CS8406-CS Datasheet HTML 8Page - Cirrus Logic CS8406-CS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
CS8406
2
DS580F1
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ........................................................................ 5
SPECIFIED OPERATING CONDITIONS ................................................................................. 5
ABSOLUTE MAXIMUM RATINGS ........................................................................................... 5
DC ELECTRICAL CHARACTERISTICS................................................................................... 6
DIGITAL INPUT CHARACTERISTICS ..................................................................................... 6
DIGITAL INTERFACE SPECIFICATIONS................................................................................ 6
TRANSMITTER CHARACTERISTICS ..................................................................................... 6
SWITCHING CHARACTERISTICS .......................................................................................... 7
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS................................................. 7
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE...................................... 9
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C MODE..................................... 10
2. TYPICAL CONNECTION DIAGRAMS ................................................................................... 11
3. GENERAL DESCRIPTION ..................................................................................................... 13
3.1 AES3 and S/PDIF Standards Documents ........................................................................ 13
4. THREE-WIRE SERIAL INPUT AUDIO PORT ........................................................................ 14
5. AES3 TRANSMITTER ............................................................................................................ 16
5.1 Transmitted Frame and Channel Status Boundary Timing .............................................. 16
5.2 TXN and TXP Drivers ...................................................................................................... 16
5.3 Mono Mode Operation ..................................................................................................... 17
6. CONTROL PORT DESCRIPTION .......................................................................................... 19
6.1. SPI Mode ........................................................................................................................ 19
6.2. I²C Mode ......................................................................................................................... 20
6.3. Memory Address Pointer (MAP) ..................................................................................... 21
6.3.1. Memory Address Pointer (MAP) Register Detail
........................................... 21
6.3.2. INCR (Auto Map Increment Enable) .................................................................. 21
6.3.3. MAP6-0 (Memory Address Pointer) ................................................................... 21
7. CONTROL PORT REGISTER SUMMARY ............................................................................. 22
8. CONTROL PORT REGISTER BIT DEFINITIONS .................................................................. 23
8.1 Control 1 (01h) .................................................................................................................. 23
8.2 Control 2 (02h) .................................................................................................................. 24
8.3 Data Flow Control (03h).................................................................................................... 24
8.4 Clock Source Control (04h)............................................................................................... 25
8.5 Serial Audio Input Port Data Format (05h)........................................................................ 25
8.6 Interrupt 1 Status (07h) (Read Only)................................................................................. 26
8.7 Interrupt 2 Status (08h) (Read Only)................................................................................. 27
8.8 Interrupt 1 Mask (09h)....................................................................................................... 27
8.9 Interrupt 1 Mode MSB (0Ah) and Interrupt 1 Mode LSB (0Bh) ......................................... 27
8.10 Interrupt 2 Mask (0Ch) .................................................................................................... 27
8.11 Interrupt 2 Mode MSB (0Dh) and Interrupt Mode 2 LSB (0Eh)....................................... 28
8.12 Channel Status Data Buffer Control (12h) ...................................................................... 28
8.13 User Data Buffer Control (13h) ....................................................................................... 29
8.14 Channel Status bit or User bit Data Buffer (20h - 37h) ................................................... 29
8.15 CS8406 I.D. and Version Register (7Fh) (Read Only).................................................... 29
9. PIN DESCRIPTION - SOFTWARE MODE
.......................................................................... 30
10. HARDWARE MODE .............................................................................................................32
10.1 Channel Status, User and Validity Data ......................................................................... 32
10.2 Serial Audio Port ............................................................................................................ 33
11. PIN DESCRIPTION - HARDWARE MODE .......................................................................... 34
12. APPLICATIONS .................................................................................................................... 36
12.1 Reset, Power Down and Start-up .................................................................................. 36
12.2 ID Code and Revision Code .......................................................................................... 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com