Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8602 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8602
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8602 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8602 Datasheet HTML 1Page - Integrated Circuit Systems ICS8602 Datasheet HTML 2Page - Integrated Circuit Systems ICS8602 Datasheet HTML 3Page - Integrated Circuit Systems ICS8602 Datasheet HTML 4Page - Integrated Circuit Systems ICS8602 Datasheet HTML 5Page - Integrated Circuit Systems ICS8602 Datasheet HTML 6Page - Integrated Circuit Systems ICS8602 Datasheet HTML 7Page - Integrated Circuit Systems ICS8602 Datasheet HTML 8Page - Integrated Circuit Systems ICS8602 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
8602BY
www.icst.com/products/hiperclocks.html
REV. F APRIL 16, 2003
2
Integrated
Circuit
Systems, Inc.
ICS8602
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. CONTROL INPUT FUNCTION TABLE, PLL_SEL = 1
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
2V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
3K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
4K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
,
6
1
2
1
,
8
,
5
9
2
,
5
2
,
2
2
,
8
1
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
7
,
61
L
E
S
_
V
I
D
,
0
L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
9N
I
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
s
k
c
o
l
c
g
n
i
t
a
r
e
n
e
g
e
r
r
o
f
r
o
t
c
e
t
e
d
e
s
a
h
p
o
t
t
u
p
n
i
k
c
a
b
d
e
e
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
"
y
a
l
e
d
o
r
e
z
"
h
t
i
w
,
0
2
,
4
1
,
0
1
1
3
,
7
2
,
4
2
V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
1
2
,
9
1
,
5
1
,
3
1
,
1
1
0
3
,
8
2
,
6
2
,
3
2
,
4
Q
,
3
Q
,
2
Q
,
1
Q
,
0
Q
8
Q
,
7
Q
,
6
Q
,
5
Q
t
u
p
t
u
O
7
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
7
1E
O
n
/
R
Mt
u
p
n
In
w
o
d
ll
u
P
.
e
l
b
a
n
e
t
u
p
t
u
o
W
O
L
e
v
i
t
c
A
.
t
e
s
e
R
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
d
n
a
t
e
s
e
r
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
)
Z
i
H
(
d
e
t
a
t
s
-
i
r
t
e
r
a
s
t
u
p
t
u
o
e
h
t
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
3L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
s
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
e
h
t
d
n
a
L
L
P
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
L
L
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
s
r
e
d
i
v
i
d
e
h
t
o
t
t
u
p
n
i
e
h
t
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
1
L
E
S
_
V
I
D0
L
E
S
_
V
I
D
N
I
f
=
T
U
O
f
)
z
H
M
(
e
g
n
a
R
y
c
n
e
u
q
e
r
F
m
u
m
i
n
i
Mm
u
m
i
x
a
M
00
5
2
10
5
2
01
5
.
2
65
2
1
10
5
2
.
1
35
.
2
6
11
5
2
6
.
5
15
2
.
1
3
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
D
D
V
,
A
D
D
V
,
O
D
D
V
7
4
.
3
=D
B
TF
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω
TABLE 3B. CONTROL INPUT FUNCTION TABLE, PLL_SEL = 0
PLL BYPASS MODE
1
L
E
S
_
V
I
D0
L
E
S
_
V
I
D
r
e
d
i
v
i
D
y
c
n
e
u
q
e
r
F
N
I
fT
U
O
f
00
N
I
f2
/
N
I
f
01
N
I
f4
/
N
I
f
10
N
I
f8
/
N
I
f
11
N
I
f6
1
/
N
I
f



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com