Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8602 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8602
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8602 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8602 Datasheet HTML 1Page - Integrated Circuit Systems ICS8602 Datasheet HTML 2Page - Integrated Circuit Systems ICS8602 Datasheet HTML 3Page - Integrated Circuit Systems ICS8602 Datasheet HTML 4Page - Integrated Circuit Systems ICS8602 Datasheet HTML 5Page - Integrated Circuit Systems ICS8602 Datasheet HTML 6Page - Integrated Circuit Systems ICS8602 Datasheet HTML 7Page - Integrated Circuit Systems ICS8602 Datasheet HTML 8Page - Integrated Circuit Systems ICS8602 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8602BY
www.icst.com/products/hiperclocks.html
REV. F APRIL 16, 2003
1
Integrated
Circuit
Systems, Inc.
ICS8602
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
PRELIMINARY
GENERAL DESCRIPTION
The ICS8602 is a high performance, low skew,
1-to-9 Differential-to-LVCMOS/LVTTL Zero De-
lay Buffer and a member of the HiPerClockS™
family of High Performance Clocks Solutions
from ICS. The CLK, nCLK pair can accept most
standard differential input levels. The VCO operates at a fre-
quency range of 250MHz to 500MHz. The external feedback
allows the device to achieve “zero delay” between the input
clock and the output clocks. The device is designed only for
1:1 input/output frequency ratios. The output divider allows a
wide input/output frequency range with the 250MHz to
500MHz VCO. The PLL_SEL pin can be used to bypass the
PLL for system test and debug purposes. In bypass mode,
the reference clock is routed around the PLL and into the in-
ternal output dividers.The low impedance LVCMOS/LVTTL out-
puts are designed to drive 50
Ω series or parallel terminated
transmission lines. The effective fanout can be doubled by
utilizing the ability of the outputs to drive two series termi-
nated lines. The differential reference clock input will accept
any differential signal levels.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Fully integrated PLL
• 9 LVCMOS/LVTTL outputs, 7Ω typical output impedance
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 15.625MHz to 250MHz
• Input frequency range: 15.625MHz to 250MHz
• VCO range: 250MHz to 500MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Cycle-to-cycle jitter: 36ps (typical)
• Output skew: 125ps (maximum)
• Static Phase Offset: TBD±100ps (typical)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
Q5
GND
Q4
VDDO
Q3
GND
MR/nOE
VDDA
VDD
CLK
nCLK
GND
DIV_SEL0
DIV_SEL1
GND
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8602
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.
HiPerClockS™
,&6
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
SEL0
SEL1
CLK
nCLK
FB_IN
PLL_SEL
MR/nOE
0
1
PLL
÷2
÷4
÷8
÷16


Similar Part No. - ICS8602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS86004-02 IDT-ICS86004-02 Datasheet
588Kb / 10P
62.5MHZ TO 250MHZ, 1-TO-4 LVCMOS/LVTTL ZERO DELAY CLOCK BUFFER
More results

Similar Description - ICS8602

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
REV. A JUNE 16, 2004
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
87002-02 RENESAS-87002-02 Datasheet
506Kb / 17P
1:2, Differential-to-LVCMOS/LVTTL Zero 1:2, Differential-to-LVCMOS/LVTTL Zero
Rev C 7/13/15
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
ICS87002-05 RENESAS-ICS87002-05 Datasheet
951Kb / 13P
1:2 LVCMOS/LVTTL-to-LVCMOS/LVTTL Zero Delay Buffer for Audio
2019
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com