Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8602 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8602
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8602 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8602 Datasheet HTML 1Page - Integrated Circuit Systems ICS8602 Datasheet HTML 2Page - Integrated Circuit Systems ICS8602 Datasheet HTML 3Page - Integrated Circuit Systems ICS8602 Datasheet HTML 4Page - Integrated Circuit Systems ICS8602 Datasheet HTML 5Page - Integrated Circuit Systems ICS8602 Datasheet HTML 6Page - Integrated Circuit Systems ICS8602 Datasheet HTML 7Page - Integrated Circuit Systems ICS8602 Datasheet HTML 8Page - Integrated Circuit Systems ICS8602 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8602BY
www.icst.com/products/hiperclocks.html
REV. F APRIL 16, 2003
4
Integrated
Circuit
Systems, Inc.
ICS8602
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
PRELIMINARY
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
5
2
6
.
5
10
5
2z
H
M
p
t
H
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
;
h
g
i
H
-
o
t
-
w
o
L
z
H
M
0
,
V
0
=
L
E
S
_
L
L
P
≤ f ≤
z
H
M
0
5
2D
B
TD
B
Ts
n
)
Ø
(
t2
E
T
O
N
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
S
,
z
H
M
3
3
1
=
F
E
R
f
,
V
3
.
3
=
L
E
S
_
L
L
P
z
H
M
6
6
2
=
O
C
V
f
0
0
1
±
D
B
Ts
p
,
z
H
M
0
5
=
F
E
R
f
,
V
3
.
3
=
L
E
S
_
L
L
P
z
H
M
0
0
1
=
O
C
V
f
0
0
1
±
D
B
Ts
p
t
)
o
(
k
s4
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
OV
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
O
D
D
2
/5
2
1s
p
t
)
c
c
(
t
ij4
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
CV
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
O
D
D
2
/6
3s
p
t
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
t
R
e
m
i
T
e
s
i
R
t
u
p
t
u
Oz
H
M
0
5
@
%
0
8
o
t
%
0
20
0
40
5
9s
p
t
F
e
m
i
T
ll
a
F
t
u
p
t
u
Oz
H
M
0
5
@
%
0
8
o
t
%
0
20
0
40
5
9s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
Oz
H
M
0
5
2
=
f0
5%
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Af
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
t
a
t
u
p
t
u
o
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
V
O
D
D
.
2
/
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
t
a
d
e
r
u
s
a
e
MV
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com