Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8602 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8602
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8602 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8602 Datasheet HTML 1Page - Integrated Circuit Systems ICS8602 Datasheet HTML 2Page - Integrated Circuit Systems ICS8602 Datasheet HTML 3Page - Integrated Circuit Systems ICS8602 Datasheet HTML 4Page - Integrated Circuit Systems ICS8602 Datasheet HTML 5Page - Integrated Circuit Systems ICS8602 Datasheet HTML 6Page - Integrated Circuit Systems ICS8602 Datasheet HTML 7Page - Integrated Circuit Systems ICS8602 Datasheet HTML 8Page - Integrated Circuit Systems ICS8602 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8602BY
www.icst.com/products/hiperclocks.html
REV. F APRIL 16, 2003
5
Integrated
Circuit
Systems, Inc.
ICS8602
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
DD, VDDA, VDDO = 1.65V±5%
GND = -1.65V±5%
CYCLE-TO-CYCLE JITTER
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
odc & t
PERIOD
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
Clock Outputs
20%
80%
80%
20%
t
R
t
F
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
OUTPUT SKEW
nCLK
CLK
Q0:Q8
t
PD
V
DDO
2
STATIC PHASE OFFSET
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
Q0:Q8
V
DDO
2
V
DDO
2
V
DDO
2
Q0:Q8
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
t(Ø)
V
DD
2
(where
t(Ø) is any random sample, and t (Ø) mean is the average
of the sampled cycles measured on controlled edges)
t(Ø) mean = Static Phase Offset
nCLK
FB_IN
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com