Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1672 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 69Page - Semtech Corporation GS1672 Datasheet HTML 70Page - Semtech Corporation GS1672 Datasheet HTML 71Page - Semtech Corporation GS1672 Datasheet HTML 72Page - Semtech Corporation GS1672 Datasheet HTML 73Page - Semtech Corporation GS1672 Datasheet HTML 74Page - Semtech Corporation GS1672 Datasheet HTML 75Page - Semtech Corporation GS1672 Datasheet HTML 76Page - Semtech Corporation GS1672 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
73 of 116
The SDO and SDO pins of the device provide the serial digital output.
Compliance with all requirements defined in Section 4.12.1 through Section 4.12.4 is
guaranteed when measured across a 75Ω terminated load at the output of 1m of Belden
1694A cable, including the effects of the Gennum recommended ORL matching
network, BNC and coaxial cable connection, except where otherwise stated.
Figure 4-23 illustrates this requirement, which is in accordance with the measurement
methodology defined in SMPTE 292 and SMPTE 259M.
Figure 4-23: ORL Matching Network, BNC and Coaxial Cable Connection
4.12.1 Output Signal Interface Levels
The Serial Digital Output signals (SDO and SDO pins), of the device meet the amplitude
requirements as defined in SMPTE 424M for an unbalanced generator (single-ended).
The signal amplitude is controlled to better than +/-7% of the nominal level defined in
SMPTE 424M, when an external 750Ω 1% resistor is connected between the RSET pin of
the device and VCC.
The output signal amplitude can be reduced to less than 1/10th of the nominal
amplitude, defined above, by increasing the value of the resistor connected between the
RSET pin of the device and VCC.
These requirements are met across all ambient temperature and power supply
operating conditions described in the Electrical Characteristics on page 18.
The output amplitude of the GS1672 can be adjusted by changing the value of the RSET
resistor as shown in Table 4-29. For a 800mVp-p output a value of 750Ω is required. A
±1% SMT resistor should be used.
The RSET resistor is part of the high speed output circuit of the GS1672. The resistor
should be placed as close as possible to the RSET pin. In addition, an anti-pad should be
used underneath the resistor.
Table 4-28: Serial Digital Output - Serial Output Data Rate
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Serial Output Data Rate
BRSDO
SMPTE 292 signal
−
1.485, 1.485/1.001
−
Gb/s
SMPTE 259M-C signal
−
270
−
Mb/s
DVB-ASI signal
−
270
−
Mb/s
DUT
GS1672
ORL
Matching
Network
BNC
BNC
75Ω
resistive
load
Measuring device
1m Belden 1694A75Ω
coaxialcable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com