Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1672 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 82Page - Semtech Corporation GS1672 Datasheet HTML 83Page - Semtech Corporation GS1672 Datasheet HTML 84Page - Semtech Corporation GS1672 Datasheet HTML 85Page - Semtech Corporation GS1672 Datasheet HTML 86Page - Semtech Corporation GS1672 Datasheet HTML 87Page - Semtech Corporation GS1672 Datasheet HTML 88Page - Semtech Corporation GS1672 Datasheet HTML 89Page - Semtech Corporation GS1672 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
86 of 116
025h
FIRST_LINE_
NUMBER
RSVD
15-12
Reserved.R
0
ANC_INS_MODE
11
ANC data insertion mode.
HIGH - Concatenate
LOW - Separate
R/W
0
FIRST_LINE_NUMBER
10-0
First line number to insert ANC
packet on.
R/W
0
026hFIRST_LINE_
NUMBER_OF_
WORDS
FIRST_LINE_NUMBER_ANC_T
YPE
15
ANC region to insert packet in
HIGH - VANC,
LOW - HANC.
R/W
0
FIRST_LINE_NUMBER
_STREAM_TYPE
14
Stream to insert packet in
HIGH - C stream,
LOW - Y stream.
R/W
0
RSVD
13-10
Reserved.R
0
FIRST_LINE_NUMBER
_OF_WORDS
9-0
Total number of words in ANC
packet to be inserted in first line.
R/W
0
027h
SECOND_LINE_
NUMBER
RSVD
15-11
Reserved.R
0
SECOND_LINE_NUMBER
10-0
Second line number to insert ANC
packet on in Separate Line mode.
R/W
0
028h
SECOND_LINE_
NUMBER_OF_
WORDS
SECOND_LINE_NUMBER
_ANC_TYPE
15
ANC region to insert packet in.
HIGH - VANC,
LOW - HANC.
R/W
0
SECOND_LINE_NUMBER
_STREAM_TYPE
14
Stream to insert packet in.
HIGH - C stream,
LOW - Y stream.
R/W
0
RSVD
13-10
Reserved.R
0
SECOND_LINE_NUMBER
_OF_WORDS
9-0
Total number of words in ANC
packet to be inserted in second
line.
R/W
0
029h
THIRD_LINE_
NUMBER
RSVD
15-11
Reserved.R
0
THIRD_LINE_NUMBER
10-0
Third line number to insert ANC
packet on in Separate Line mode.
R/W
0
02Ah
THIRD_LINE_
NUMBER_OF_
WORDS
THIRD_LINE_NUMBER
_ANC_TYPE
15
ANC region to insert packet in.
HIGH - VANC,
LOW - HANC.
R/W
0
THIRD_LINE_NUMBER
_STREAM_TYPE
14
Stream to insert packet in.
HIGH - C stream,
LOW - Y stream.
R/W
0
RSVD
13-10
Reserved.R
0
THIRD_LINE_NUMBER
_OF_WORDS
9-0
Total number of words in ANC
packet to be inserted in third line.
R/W
0
Table 4-34: Video Core Configuration and Status Registers
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com