Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1672 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 17Page - Semtech Corporation GS1672 Datasheet HTML 18Page - Semtech Corporation GS1672 Datasheet HTML 19Page - Semtech Corporation GS1672 Datasheet HTML 20Page - Semtech Corporation GS1672 Datasheet HTML 21Page - Semtech Corporation GS1672 Datasheet HTML 22Page - Semtech Corporation GS1672 Datasheet HTML 23Page - Semtech Corporation GS1672 Datasheet HTML 24Page - Semtech Corporation GS1672 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
21 of 116
Serial Output Intrinsic Jitter
tOJ
Pseudorandom
and SMPTE
Colour Bars HD
signal
–50
95
ps
4, 6
tOJ
Pseudorandom
and SMPTE
Colour Bars SD
signal
–
200
400
ps
5
GSPI
GSPI Input Clock FrequencyfSCLK
50% levels
3.3V or 1.8V
operation
––
80
MHz
–
GSPI Input Clock Duty Cycle
DCSCLK
40
50
60%
–
GSPI Input Data Setup Time
–
1.5
–
–
ns
–
GSPI Input Data Hold Time
–
1.5
–
–
ns
–
GSPI Output Data Hold Time
–
15pF load
1.5
–
–
ns
–
CS low before SCLK rising
edge
t0
50% levels
3.3V or 1.8V
operation
1.5
–
–
ns
–
Time between end of
command word (or data in
Auto-Increment mode) and
the first SCLK of the
following data word - write
cycle
t4
50% levels
3.3V or 1.8V
operation
PCLK
(MHz)
ns
–
–
ns
–
unlocked
445
13.5
74.2
27.0
37.1
74.25
13.5
148.5
6.7
Time between end of
command word (or data in
Auto-Increment mode) and
the first SCLK of the
following data word - read
cycle
t5
50% levels
3.3V or 1.8V
operation
PCLK
(MHz)
ns
–
–
ns
–
unlocked
1187
13.5
297
27.0
148.4
74.25
53.9
148.5
27
CS high after SCLK falling
edge
t7
50% levels
3.3V or 1.8V
operation
PCLK
(MHz)
ns
–
–
ns
–
unlocked
445
13.5
74.2
27.0
37.1
74.25
13.5
148.5
6.7
NOTES:
1. Input setup and hold time is dependent on the rise and fall time on the parallel input. Parallel clock and data with rise time or fall time greater
than 500ps require larger setup and hold times.
2. Single Ended into 75
Ω external load.
3. ORL depends on board design.
4. Alignment Jitter = measured from 100kHz to serial data rate/10.
5. Alignment Jitter = measured from 1kHz to 27MHz.
6. This is the maximum jitter for a BER of 10-12. The equivalent jitter value as per RP184 is 40ps max.
Table 2-4: AC Electrical Characteristics (Continued)
VCC = 3.3V ±5%, TA = -20°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com