Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1672 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 2 Page - Semtech Corporation

  GS1672 Datasheet HTML 1Page - Semtech Corporation GS1672 Datasheet HTML 2Page - Semtech Corporation GS1672 Datasheet HTML 3Page - Semtech Corporation GS1672 Datasheet HTML 4Page - Semtech Corporation GS1672 Datasheet HTML 5Page - Semtech Corporation GS1672 Datasheet HTML 6Page - Semtech Corporation GS1672 Datasheet HTML 7Page - Semtech Corporation GS1672 Datasheet HTML 8Page - Semtech Corporation GS1672 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
2 of 116
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
Description
The GS1672 is a complete SDI Transmitter, generating a
SMPTE 292, SMPTE 259M-C or DVB-ASI compliant serial
digital output signal.
The integrated Narrow BW PLL allows the device to accept
parallel clocks with high input jitter, and still provide a
SMPTE compliant serial digital output.
The device can operate in four basic user selectable modes:
SMPTE mode, DVB-ASI mode, Data-Through mode, or
Standby mode.
In DVB-ASI mode, the device will perform 8b/10b encoding
prior to transmission.
In Data-Through mode, all SMPTE and DVB-ASI processing
is disabled. The device can be used as a simple parallel to
serial converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal is generated at the output.
The GS1672 integrates a fully SMPTE-compliant Cable
Driver for SMPTE 259M-C and SMPTE 292 interfaces. It
features automatic dual slew-rate selection, depending on
HD or SD operational requirements.
In accordance with SMPTE 272M and SMPTE 299M, up to
eight channels (two audio groups) of serial digital audio
may be embedded into the video data stream.The input
audio signal formats supported by the device include
AES/EBU, I2C and serial audio. 16, 20 and 24-bit audio
formats are supported at 48kHz synchronous for SD modes
and 48kHz synchronous or asynchronous in HD modes.
Functional Block Diagram
Figure A: GS1672 Functional Block Diagram
Input
Mux/
Demux
DIN[19:0]
ANC Data
Insertion
TRS , Line
Number
and CRC
Insertion
EDH
Packet
Insertion
DVB-ASI
8b/10b
Encoder
F/DE
V/VSYNC
H/HSYNC
TIM_861
Parallel to Serial
Converter
Mux
SMPTE
Cable
Driver
SDO
SDO
RSET
SDO_EN/DIS
PCLK
ACLK1
ACLK2
WCLK1
WCLK2
Ain_1/2
Ain_3/4
Ain_5/6
Ain_7/8
AUDIO_INT
GRP1_EN/DIS
GRP2_EN/DIS
HANC/
VANC
Blanking
PLL with Low Noise
VCO
Narrow BW PLL
LOCKED
NRZ/NRZI
SMPTE
Scrambler
CD_VDD
CD_GND
PLL_VDD
PLL_GND
AVDD
AGND
VCO_VDD
VCO_GND
SMPTE 352M
Generation and
Insertion
HD/SD
Audio
Embedding
GSPI
Host
Interface
JTAG
Controller
20BIT/10BIT
ANC_BLANK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com