Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2964 Datasheet(PDF) 4 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 4 Page - Semtech Corporation

  GS2964 Datasheet HTML 1Page - Semtech Corporation GS2964 Datasheet HTML 2Page - Semtech Corporation GS2964 Datasheet HTML 3Page - Semtech Corporation GS2964 Datasheet HTML 4Page - Semtech Corporation GS2964 Datasheet HTML 5Page - Semtech Corporation GS2964 Datasheet HTML 6Page - Semtech Corporation GS2964 Datasheet HTML 7Page - Semtech Corporation GS2964 Datasheet HTML 8Page - Semtech Corporation GS2964 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
4 of 17
1. Pin Out
1.1 GS2964 Pin Assignment
Figure 1-1: GS2964 Pin Out
1.2 GS2964 Pin Descriptions
5
6
78
16
15
14
13
SDI
1
2
3
4
SDI
SDO
SDO
12
11
10
9
VEE_A
N/C
Ground Pad
(bottom of package)
VEE_D
GS2964
16-pin QFN
(top view)
N/C
Table 1-1: GS2964 Pin Descriptions
Pin Number
Name
Timing
Type
Description
1
VEE_A
Analog
Power
Most negative power supply for analog circuitry.
Connect to GND.
2, 3
SDI, SDI
Analog
Input
Serial digital differential input.
4, 9
N/C
–
–
No Connect. Not bonded internally.
5, 6
AGC, AGC
Analog
–
External AGC capacitor.
Connect pin 5 and pin 6 together as shown in the Typical
Application Circuit on page 13.
7BYPASS
Not
Synchronous
Input
Forces the Equalizing and DC RESTORE stages into bypass mode
when HIGH. No equalization occurs in this mode. (Internal
pull-down).
8
SQ_ADJ
Analog
Input
Squelch Adjust.
Adjusts the approximate amount of cable equalized before CD goes
low. See Section 4.4 and Section 4.5. (Internal pull-down).
10, 11
SDO, SDO
Analog
Output
Equalized serial digital differential output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com