Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2964 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS2964 Datasheet HTML 8Page - Semtech Corporation GS2964 Datasheet HTML 9Page - Semtech Corporation GS2964 Datasheet HTML 10Page - Semtech Corporation GS2964 Datasheet HTML 11Page - Semtech Corporation GS2964 Datasheet HTML 12Page - Semtech Corporation GS2964 Datasheet HTML 13Page - Semtech Corporation GS2964 Datasheet HTML 14Page - Semtech Corporation GS2964 Datasheet HTML 15Page - Semtech Corporation GS2964 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
12 of 17
NOTE 2:
If the maximum cable length is exceeded (set by the SQ_ADJ pin) and the
device is not in Bypass mode, the CD pin will not be driven low, even if a carrier is
present.
4.6 Output Rise/Fall Times
Figure 4-2: Typical Rise/Fall time for 270Mb/s data rate (VCC=3.3V, room
temperature, 800mV launch swing)
The GS2964 was designed to limit bandwidth as cable length is increased. During 3G
(2.97Gb/s) and HD (1.485Gb/s) operation, the impact of this is minimal on rise and fall
time over the operating range. For SD (270Mb/s), the bandwidth limitation becomes
more significant, particularly at longer cable lengths where a reduction in rise and fall
time is observed. This means that for SD (270Mb/s) operation, rise and fall times slow as
shown in Figure 4-2 above. This is beneficial because at 270Mb/s, one unit interval is
equal to 3.7ns, therefore rise and fall times less than 100ps are not required, and slower
rise and fall times actually help to reduce EMI.
Table 4-1: Mute Input Table
Mute
Function
0
SDO and SDO operate normally
1
SDO and SDO are forced to a steady
state (either high or low)
Table 4-2: CD Output Table
CD
Input Status
0
Valid Input on SDI, SDI pins
1
Input is not valid
40
60
80
100
120
140
160
180
0
10 20 30 40 50 60 70 80 90 100 110
130
150
170
Cable Length (m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com