Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2964 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS2964 Datasheet HTML 3Page - Semtech Corporation GS2964 Datasheet HTML 4Page - Semtech Corporation GS2964 Datasheet HTML 5Page - Semtech Corporation GS2964 Datasheet HTML 6Page - Semtech Corporation GS2964 Datasheet HTML 7Page - Semtech Corporation GS2964 Datasheet HTML 8Page - Semtech Corporation GS2964 Datasheet HTML 9Page - Semtech Corporation GS2964 Datasheet HTML 10Page - Semtech Corporation GS2964 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
7 of 17
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
–
143
–
2970
Mb/s
–
Input Voltage Swing
ΔV
SDI
TA =25°C, differential,
270Mb/s and 1.485Gb/s
720
800
950
mVp-p
1
TA =25°C, differential,
2.97Gb/s
720
800
880
mVp-p
1
Output Voltage Swing
ΔV
SDO
100Ω load, TA =25°C,
differential
650
800
950
mVp-p
–
Output Jitter of Various
Cable Lengths and Data
Rates
–
270Mb/s
Belden 1694A: 0-180m
–0.2
−
UI
2
–
1.485Gb/s
Belden 1694A: 0-140m
–0.25
−
UI
2
–2.97Gb/s
Belden 1694A: 0-100m
–0.35
−
UI
2
Output Rise/Fall time
–
2.97Gb/s & 1.485Gb/s
20% - 80%
35
65
90
ps
–
270Mb/s (see Section 4.6)
Mismatch in rise/fall time
–
–
–
30
–
ps
–
Duty cycle distortion
–
–
–
–
30
ps
–
Overshoot
–
–
–
–
10
%
–
Input Return Loss
–
–
15
–
–
dB
3
Input Resistance
–
single ended
–
1.7
–
kΩ
–
Input Capacitance
–
single ended
–
1
–
pF
–
Output Resistance
–
single ended
–
50
–
Ω
–
NOTES:
1. 0m cable length.
2. Based on characterization data using the recommended applications circuit, at VCC = 3.3V, TA = 25°C and 800mV launch swing from the SDI
cable driver.
3. Tested on GS2964 board from 5MHz to 3GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com