Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2964 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS2964
Description  Adaptive Cable Equalizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2964 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS2964 Datasheet HTML 9Page - Semtech Corporation GS2964 Datasheet HTML 10Page - Semtech Corporation GS2964 Datasheet HTML 11Page - Semtech Corporation GS2964 Datasheet HTML 12Page - Semtech Corporation GS2964 Datasheet HTML 13Page - Semtech Corporation GS2964 Datasheet HTML 14Page - Semtech Corporation GS2964 Datasheet HTML 15Page - Semtech Corporation GS2964 Datasheet HTML 16Page - Semtech Corporation GS2964 Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
GS2964 Adaptive Cable Equalizer
Data Sheet
51913 - 3
March 2010
13 of 17
5. Application Information
5.1 PCB Layout
Special attention must be paid to component layout when designing Serial Digital
Interfaces for HDTV. An FR-4 dielectric can be used, however, controlled impedance
transmission lines are required for PCB traces longer than approximately 1cm. Note the
following PCB artwork features used to optimize performance:
• PCB trace width for 3Gb/s rate signals is closely matched to SMT component width
to minimize reflections due to change in trace impedance.
• The PCB ground plane is removed under the GS2964 input components to minimize
parasitic capacitance.
• The PCB ground plane is removed under the GS2964 output components to
minimize parasitic capacitance.
• High speed traces are curved to minimize impedance changes.
5.2 Typical Application Circuit
Figure 5-1: GS2964 Typical Application Circuit
GS2964
SDI
SDI
VEE_D
VEE_A
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.
* Value dependent on layout
NC
SDO
SDO
NC
10n
1
10n
4u7
4u7
+
+
SDO
SDO
CD
MUTE
VCC
BYPASS
SQ_ADJ
470n
6.2n*
75
SDI
1u
75
1u
37R4
VCC
4
5
6
2
3
8
7
16
12
13
11
14
15
9
10
470n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com