Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1700E/2K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700E/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700E/2K Datasheet(HTML) 4 Page - Texas Instruments

  PLL1700E/2K Datasheet HTML 1Page - Texas Instruments PLL1700E/2K Datasheet HTML 2Page - Texas Instruments PLL1700E/2K Datasheet HTML 3Page - Texas Instruments PLL1700E/2K Datasheet HTML 4Page - Texas Instruments PLL1700E/2K Datasheet HTML 5Page - Texas Instruments PLL1700E/2K Datasheet HTML 6Page - Texas Instruments PLL1700E/2K Datasheet HTML 7Page - Texas Instruments PLL1700E/2K Datasheet HTML 8Page - Texas Instruments PLL1700E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PLL1700
4
SBOS096A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VDD = VDDP = +5V, VDDB = +3.3V, CL = 20pF, unless otherwise noted.
JITTER vs SAMPLING FREQUENCY
Sampling Frequency, f
S (kHz)
400
300
200
100
0
44.1
32
48
96
SCKO1
SCKO3
MCKO
DUTY CYCLE RATIO vs SAMPLING FREQUENCY
Sampling Frequency, f
S (kHz)
70
60
50
40
30
44.1
32
48
96
SCKO3
MCKO (XTAL Operation)
MCKO (External Clock)
300
200
100
0
–25
+25
+85
Temperature (
°C)
SCKO3 JITTER vs TEMPERATURE
48kHz
32kHz
96kHz
300
200
100
0
2.7
3.3
3.6
V
DDB (V)
SCKO3 JITTER vs V
DDB
48kHz
32kHz
96kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com