Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1700E/2K Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700E/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700E/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PLL1700E/2K Datasheet HTML 2Page - Texas Instruments PLL1700E/2K Datasheet HTML 3Page - Texas Instruments PLL1700E/2K Datasheet HTML 4Page - Texas Instruments PLL1700E/2K Datasheet HTML 5Page - Texas Instruments PLL1700E/2K Datasheet HTML 6Page - Texas Instruments PLL1700E/2K Datasheet HTML 7Page - Texas Instruments PLL1700E/2K Datasheet HTML 8Page - Texas Instruments PLL1700E/2K Datasheet HTML 9Page - Texas Instruments PLL1700E/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PLL1700
6
SBOS096A
www.ti.com
The PLL1700 provides a very low jitter, high accuracy
clock. SCKO1 is a fixed frequency clock which is
33.8688MHz (768 x 44.1kHz) for a CD-DA DSP. The
output frequency of the remaining clocks is determined by
the sampling frequency (fS) by software or hardware
control. SCKO2 and SCKO3 output 256fS and 384fS
systems clocks, respectively. SCKO4 output is 768fS if the
sampling frequency is 32kHz, 44.1kHz, 48kHz, or the
output is 384fS if the sampling frequency is 64kHz, 88.2kHz,
or 96kHz. Table I shows each sampling frequency. The
system clock output frequencies are generated by a
27MHz master clock and programmed sampling frequen-
cies are shown in Table II.
SAMPLING
FREQUENCY
SAMPLING
SKCO2
SCKO3
SCKO4
(kHz)
RATE
(MHz)
(MHz)
(MHz)
32
Standard
8.192
12.288
24.576
44.1
Standard
11.2896
16.9344
33.8688
48
Standard
12.288
18.4320
36.8640
64
Double
16.384
24.576
24.576
88.2
Double
22.5792
33.8688
33.8688
96
Double
24.576
36.8640
36.8640
TABLE II. Sampling Frequencies and Master Clock
Output Frequencies.
SAMPLING
SAMPLING RATE
FREQUENCY (kHz)
Standard Sampling Frequencies
32
44.1
48
Double of Standard Sampling Frequencies
64
88.2
96
TABLE I. Sampling Frequencies.
FUNCTION CONTROL
The built-in function of the PLL1700 can be controlled in
the software mode (serial mode), which uses a three-wire
interface by ML (pin 1), MC (pin 20), and MD (pin 19), when
MODE (pin 2) = L. They can also be controlled in the
hardware mode (parallel mode) which uses SR0 (pin 1),
FS1 (pin 20) and FS0 (pin 19), when MODE (pin 2) = H.
The selectable functions are shown in Table III.
HARDWARE
SOFTWARE
MODE
MODE
FUNCTION
(MODE = H)
(MODE = L)
Sampling Frequency Select
(32kHz, 44.1kHz, 48kHz)
Yes
Yes
Sampling Rate Select (Standard/Double)
Yes
Yes
Each Clock Output Enable/Disable
No
Yes
TABLE III. Selectable Functions.
Response time from power-on (or applying the clock to
XT1) to SCKO settling time is typically 15ms. Delay time
from sampling frequency change to SCKO settling time is
20ms maximum. Figure 4 illustrates SCKO transient
timing.
External buffers are recommended on all output clocks in
order to avoid degrading the jitter performance of the
PLL1700.
RESET
The PLL1700 has an internal power-on reset circuit, as
well as an external forced reset (RST, pin 18). Both resets
have the same effect on the PLL1700 functions. The
mode register default settings for software mode are
initialized by reset. Throughout the reset period, all clock
outputs are enabled with the default settings. Initialization
for the internal power-on reset is done automatically
during 1024 master clocks at VDD ≥ 2.2V (1.8V to 2.6V).
When using the internal power-on reset, RST should be
HIGH. Power-on reset timing is shown in Figure 5. RST
(pin 18) accepts an external forced reset by RST = L.
Initialization (reset) is done when
RST = L and 1024
master clocks after RST = H. External reset timing is
shown in Figures 6 and 7.
FUNCTION
DEFAULT
Sampling Frequency Select (32kHz, 44.1kHz, 48kHz)
48kHz Group
Sampling Rate Select (Standard/Double)
Standard
Each Clock Output Enable/Disable
Enable
TABLE IV. Selectable Functions.
FS1 (Pin 20)
FS0 (Pin 19)
SAMPLING GROUP
L
L
48kHz
L
H
44.1kHz
H
L
32kHz
H
H
Reserved
SR0 (Pin 1)
SAMPLING RATE SELECT
L
Standard
H
Double
HARDWARE MODE (MODE = H)
In the hardware mode, the following functions can be
selected:
Sampling Group Select
The sampling frequency group can be selected by FS1
(pin 20) and FS0 (pin 19). This selection must be made
with an interval time greater than 20
µs.
Sampling Rate Select
The sampling rate can be selected by SR0 (pin 1).
SOFTWARE MODE (MODE = L)
The PLL1700 special function in software mode is shown
in Table IV. These functions are controlled using ML, MC,
and MD serial control signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com