Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1700E/2K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700E/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PLL1700E/2K Datasheet HTML 1Page - Texas Instruments PLL1700E/2K Datasheet HTML 2Page - Texas Instruments PLL1700E/2K Datasheet HTML 3Page - Texas Instruments PLL1700E/2K Datasheet HTML 4Page - Texas Instruments PLL1700E/2K Datasheet HTML 5Page - Texas Instruments PLL1700E/2K Datasheet HTML 6Page - Texas Instruments PLL1700E/2K Datasheet HTML 7Page - Texas Instruments PLL1700E/2K Datasheet HTML 8Page - Texas Instruments PLL1700E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PLL1700
5
SBOS096A
www.ti.com
THEORY OF OPERATION
MASTER CLOCK AND SYSTEM CLOCK OUTPUT
The PLL1700 consists of a dual PLL clock and master
clock generator which generates four system clocks and
two buffered 27MHz clocks from a 27MHz master clock.
Figure 1 shows the block diagram of the PLL1700. The
PLL is designed to accept a 27MHz master clock or
crystal oscillator. The master clock can be either a crystal
oscillator placed between XT1 (pin 6) and XT2 (pin 5), or
an external input to XT1. If an external master clock is
used, XT2 must be connected to ground. In both cases,
the signal amplitude on XT1 must satisfy the specification
described in Figure 3. Therefore, careful C1 and C2
determination is required for keeping this specification
when using a crystal oscillator.
Figure 2 illustrates possible system clock connection
options. Figure 3 illustrates the 27MHz master clock
timing requirements.
FIGURE 1. Block Diagram of PLL1700.
FIGURE 2. Master Clock Generator Connection Diagram.
FIGURE 3. External Master Clock Timing Requirement.
t
XT1H
t
XT1L
1.2V
XT1
0.4V
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
System Clock Pulse Width HIGH
tXT1H
10
ns
System Clock Pulse Width LOW
tXT1L
15
ns
OSC
Counter N
Counter M
Counter P
Counter Q
SCKO2
256f
S
SCKO1
33.8688MHz
SCKO4
768f
S
SCKO3
384f
S
Data
ROM
Frequency Control
PLL2
PLL1
Phase Detector
and
Loop Filter
VCO
VCO
Counter M
Counter N
Phase Detector
and
Loop Filter
MCKO
27MHz
MCKO
XT2
XT1
C
1
C
2
C
1, C2 = 10pF to 33pF
27MHz Internal
Master Clock
XTI
XT2
Crystal
OSC
Circuit
Xtal
PLL1700
MCKO
Buffer
External Clock
Crystal Resonator Connection
MCKO
Buffer
Crystal
OSC
Circuit
27MHz Internal
Master Clock
XT1
XT2
PLL1700
MCKO
Buffer
External Clock Input
MCKO
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com