Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1700E/2K Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700E/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700E/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button PLL1700E/2K Datasheet HTML 3Page - Texas Instruments PLL1700E/2K Datasheet HTML 4Page - Texas Instruments PLL1700E/2K Datasheet HTML 5Page - Texas Instruments PLL1700E/2K Datasheet HTML 6Page - Texas Instruments PLL1700E/2K Datasheet HTML 7Page - Texas Instruments PLL1700E/2K Datasheet HTML 8Page - Texas Instruments PLL1700E/2K Datasheet HTML 9Page - Texas Instruments PLL1700E/2K Datasheet HTML 10Page - Texas Instruments PLL1700E/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PLL1700
7
SBOS096A
www.ti.com
FIGURE 4. System Clock Transient Timing Chart.
1024 System Clock Periods
Reset
Reset Removal
2.6V
2.2V
1.8V
V
DD
Internal Reset
Master Clock
FIGURE 5. Power-On Reset Timing.
FIGURE 6. External Reset Timing.
FIGURE 7. Reset Pulse Timing Requirement.
3 clocks of MCKO
ML
SCKO2
SCKO3
SCKO4
SCKO1
Clock Transistion Region
33.8688MHz
Stable
Stable
20ms
1024 System Clock Periods
Reset
Reset Removal
Master Clock
Internal Reset
RST
t
RST
System Clock Pulse Width LOW
t
RST
20ns
(min)
t
RST
1.4V
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com