Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1802 Datasheet HTML 1Page - Texas Instruments PCM1802 Datasheet HTML 2Page - Texas Instruments PCM1802 Datasheet HTML 3Page - Texas Instruments PCM1802 Datasheet HTML 4Page - Texas Instruments PCM1802 Datasheet HTML 5Page - Texas Instruments PCM1802 Datasheet HTML 6Page - Texas Instruments PCM1802 Datasheet HTML 7Page - Texas Instruments PCM1802 Datasheet HTML 8Page - Texas Instruments PCM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
5
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode,
fS = 44.1 kHz, system clock = 384 fS, over sampling ratio = ×128, 24-bit data (unless otherwise
noted) (continued)
TEST CONDITIONS
PCM1802DB
UNIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (see Note 7)
THD+N (V
0 5 dB)
fS = 44.1 kHz
0.0015%
0.003%
THD+N (VIN = –0.5 dB)
fS = 96 kHz (see Note 8)
0.0025%
THD N (V
60 dB)
fS = 44.1 kHz
0.7%
THD+N (VIN = –60 dB)
fS = 96 kHz (see Note 8)
1.2%
Dynamic range
fS = 44.1 kHz, A-weighted
100
105
dB
Dynamic range
fS = 96 kHz, A-weighted (see Note 8)
103
dB
S/N ratio
fS = 44.1 kHz, A-weighted
100
105
dB
S/N ratio
fS = 96 kHz, A-weighted (see Note 8)
103
dB
Channel separation
fS = 44.1 kHz
96
103
dB
Channel separation
fS = 96 kHz (see Note 8)
98
dB
ANALOG INPUT
Input voltage
0.6 VCC
Vp–p
Center voltage (VREF1)
0.5 VCC
V
Input impedance
20
k
Ω
Antialiasing filter frequency response
–3 dB
300
kHz
DIGITAL FILTER PERFORMANCE
Passband
0.454 fS
Hz
Stopband
0.583 fS
Hz
Passband ripple
±0.05
dB
Stopband attenuation
–65
dB
Delay time
17.4/fS
s
HPF frequency response
–3 dB
0.019 fS
mHz
POWER SUPPLY REQUIREMENTS
VCC
Voltage range
4.5
5
5.5
VDC
VDD
Voltage range
2.7
3.3
3.6
VDC
ICC
VCC = 5 V, VDD = 3.3 V
24
30
Supply current (see Note 9)
fS = 44.1 kHz VCC = 5 V, VDD = 3.3 V
8.3
10
mA
IDD
Supply current (see Note 9)
fS = 96 kHz, VCC = 5 V, VDD = 3.3 V (see
Note 8)
17
mA
fS = 44.1 kHz, VCC = 5 V, VDD = 3.3 V
147
183
PD
Power dissipation; operation
fS = 96 kHz, VCC = 5 V, VDD = 3.3 V (see
Note 8)
176
mW
Power dissipation; power down
VCC = 5 V, VDD = 3.3 V
0.5
mW
TEMPERATURE RANGE
Operation temperature
–40
85
_C
Thermal resistance (
θJA)
20-pin SSOP
115
°C/W
NOTES:
7. Analog performance specs are tested with System Two
 audio measurement system by Audio Precision, using 400-Hz HPF,
20-kHz LPF at 44.1-kHz operation, 40-kHz LPF at 96-kHz operation in RMS mode.
8. fS = 96 kHz, system clock = 256 fS, oversampling ratio = ×64.
9. Minimum load on DOUT (pin 12), BCK (pin 11), LRCK (pin 10), FSYNC (pin 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com