Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1802 Datasheet HTML 1Page - Texas Instruments PCM1802 Datasheet HTML 2Page - Texas Instruments PCM1802 Datasheet HTML 3Page - Texas Instruments PCM1802 Datasheet HTML 4Page - Texas Instruments PCM1802 Datasheet HTML 5Page - Texas Instruments PCM1802 Datasheet HTML 6Page - Texas Instruments PCM1802 Datasheet HTML 7Page - Texas Instruments PCM1802 Datasheet HTML 8Page - Texas Instruments PCM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
4
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode,
fS = 44.1 kHz, system clock = 384 fS, over sampling ratio = ×128, 24-bit data (unless otherwise
noted)
TEST CONDITIONS
PCM1802DB
UNIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
bits
DATA FORMAT
Audio data interface format
Left justified, I2S,
right justified
Audio data bit length
20, 24
bits
Audio data format
MSB first, 2s complement
fS
Sampling frequency
16
44.1
96
kHz
256 fS
4.096
11.2896
24.576
System clock frequency
384 fS
6.144
16.9344
36.864
MHz
System clock frequency
512 fS
8.192
22.5792
49.152
MHz
768 fS
12.288
33.8688
INPUT LOGIC
VIH
See Note 1
2
VDD
VIL
See Note 1
Input logic level
0
0.8
VDC
VIH
See Note 2
Input logic level
2
5.5
VDC
VIL
See Note 2
0
0.8
IIH
See Note 3
VIN = VDD
±10
IIL
See Note 3
Input logic current
VIN = 0 V
±10
A
IIH
See Note 4
Input logic current
VIN = VDD
65
100
µA
IIL
See Note 4
VIN = 0 V
±10
OUTPUT LOGIC
VOH
See Note 5
Output logic level
IOUT = –1 mA
2.8
VDC
VOL
See Note 5
Output logic level
IOUT = 1 mA
0.5
VDC
DC ACCURACY
Gain mismatch channel-to-channel
±1
±4
%FSR
Gain error
±2
±6
%FSR
Bipolar zero error
LCF bypass (see Note 6)
±2
%FSR
NOTES:
1. Pins 9–11: FSYNC, LRCK, BCK (Schmitt-trigger input, in slave mode)
2. Pins 7–8, 15–20: PDWN, BYPAS, SCKI, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, 5-V tolerant).
3. Pins 9–11, 15: FSYNC, LRCK, BCK (Schmitt-trigger input in slave mode), SCKI (Schmitt-trigger input).
4. Pins 7–8, 16–20: PDWN, BYPAS, OSR, FMT0, FMT1, MODE0, MODE1 (Schmitt-trigger input, with 50-k
Ω typical pulldown
resistor).
5. Pins 9–12: FSYNC, LRCK, BCK (in master mode), DOUT
6. Low cut filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com