Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1802 Datasheet HTML 1Page - Texas Instruments PCM1802 Datasheet HTML 2Page - Texas Instruments PCM1802 Datasheet HTML 3Page - Texas Instruments PCM1802 Datasheet HTML 4Page - Texas Instruments PCM1802 Datasheet HTML 5Page - Texas Instruments PCM1802 Datasheet HTML 6Page - Texas Instruments PCM1802 Datasheet HTML 7Page - Texas Instruments PCM1802 Datasheet HTML 8Page - Texas Instruments PCM1802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
3
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGND
6
–
Analog GND
BCK
11
I/O
Bit clock input/output‡
BYPAS
8
I
HPF bypass control. Low: normal mode (dc cut); High: bypass mode (through)†
DGND
13
–
Digital GND
DOUT
12
O
Audio data output
FMT0
17
I
Audio data format select 0. See data format†
FMT1
18
I
Audio data format select 1. See data format†
FSYNC
9
I/O
Frame synchronous clock input/output‡
LRCK
10
I/O
Sampling clock input/output‡
MODE0
19
I
Mode select 0. See interface mode†
MODE1
20
I
Mode select 1. See interface mode†
OSR
16
I
Oversampling ratio select. Low:
×64 fS; High: ×128 fS†
PDWN
7
I
Power-down control, active low†
SCKI
15
I
System clock input; 256 fS, 384 fS, 512 fS or 768 fS§
VCC
5
–
Analog power supply, 5 V
VDD
14
–
Digital power supply, 3.3 V
VINL
1
I
Analog input, L-channel
VINR
2
I
Analog input, R-channel
VREF1
3
–
Reference 1 decoupling capacitor
VREF2
4
–
Reference 2 voltage input, normally connected to VCC
† Schmitt-trigger input with internal pulldown (50 k
Ω typically), 5-V tolerant
‡ Schmitt-trigger input
§ Schmitt-trigger input, 5-V tolerant
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage:
VCC
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD
4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ground voltage differences: AGND, DGND
±0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage: FSYNC, LRCK, BCK, DOUT
–0.3 V to (VDD + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PDWN, BYPAS, SCKI, OSR, FMT0, FMT1, MODE0, MODE1
–0.3 V to 6.5 V
. . . . . . . . . . . .
Analog input voltage: VINL, VINR, VREF1, VREF2
–0.3 V to (VCC + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (any pins except supplies)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature under bias
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering)
260
°C, 5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package temperature (IR reflow, peak)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
¶ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com