Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1802 Datasheet HTML 15Page - Texas Instruments PCM1802 Datasheet HTML 16Page - Texas Instruments PCM1802 Datasheet HTML 17Page - Texas Instruments PCM1802 Datasheet HTML 18Page - Texas Instruments PCM1802 Datasheet HTML 19Page - Texas Instruments PCM1802 Datasheet HTML 20Page - Texas Instruments PCM1802 Datasheet HTML 21Page - Texas Instruments PCM1802 Datasheet HTML 22Page - Texas Instruments PCM1802 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
19
www.ti.com
PRINCIPLES OF OPERATION
interface timing (continued)
BCK
FSYNC
LRCK
DOUT
t(CKFS)
t(BCKH)
t(BCKL)
t(CKLR)
t(LRCP)
t(BCKP)
t(CKDO)
t(LRDO)
0.5 VDD
0.5 VDD
0.5 VDD
0.5 VDD
t(FSYP)
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
150
1/(64 fS)
1200
ns
t(BCKH)
BCK pulse width high
75
600
ns
t(BCKL)
BCK pulse width low
75
600
ns
t(CKLR)
Delay time BCK falling edge to LRCK valid
–10
20
ns
t(LRCP)
LRCK period
10
1/ fS
80
µs
t(CKFS)
Delay time BCK falling edge to FSYNC valid
–10
20
ns
t(FSYP)
FSYNC period
5
1/(2 fS)
40
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
tr
Rise time of all signals
10
ns
tf
Fall time of all signals
10
ns
NOTE: Timing measurement reference level is (VIH/VIL) / 2. Rise and fall times are measured from 10% to 90% of IN/OUT signal swing. Load
capacitance of all signals is 20 pF.
Figure 27. Audio Data Interface Timing (Master Mode: FSYNC, LRCK, BCK Work as Outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com