Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 6Page - Texas Instruments PCM1802DBR Datasheet HTML 7Page - Texas Instruments PCM1802DBR Datasheet HTML 8Page - Texas Instruments PCM1802DBR Datasheet HTML 9Page - Texas Instruments PCM1802DBR Datasheet HTML 10Page - Texas Instruments PCM1802DBR Datasheet HTML 11Page - Texas Instruments PCM1802DBR Datasheet HTML 12Page - Texas Instruments PCM1802DBR Datasheet HTML 13Page - Texas Instruments PCM1802DBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
10
www.ti.com
TYPICAL PERFORMANCE CURVES
–100 –90 –80 –70 –60 –50 –40 –30 –20 –10
0
Signal Level – dB
TOTAL HARMONIC DISTORTION + NOISE
vs
SIGNAL LEVEL
100
1
0.1
0.01
0.001
10
Figure 17
supply current
0
5
10
15
20
25
30
0
102030
40
SUPPLY CURRENT
vs
fSAMPLE CONDITION
44.1
96‡
48†
ICC
fSAMPLE Condition – kHz
IDD
†fS = 48 kHz, System Clock = 256 fS,
Oversampling Ratio =
×128.
‡fS = 96 kHz, System Clock = 256 fS,
Oversampling Ratio =
×64.
Figure 18
All specifications at TA = +25°C, VCC = 5 V, VDD = 3.3 V, Master Mode, fS = 44.1 kHz, system clock = 384fS, oversampling ratio = ×128,
24-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com