Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DBR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DBR Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 13Page - Texas Instruments PCM1802DBR Datasheet HTML 14Page - Texas Instruments PCM1802DBR Datasheet HTML 15Page - Texas Instruments PCM1802DBR Datasheet HTML 16Page - Texas Instruments PCM1802DBR Datasheet HTML 17Page - Texas Instruments PCM1802DBR Datasheet HTML 18Page - Texas Instruments PCM1802DBR Datasheet HTML 19Page - Texas Instruments PCM1802DBR Datasheet HTML 20Page - Texas Instruments PCM1802DBR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
17
www.ti.com
PRINCIPLES OF OPERATION
interface timing (continued)
BCK
FSYNC
LRCK
DOUT
t(FSSU)
t(BCKH)
t(BCKL)
t(LRHD)
t(FSHD)
t(LRCP)
t(LRSU)
t(BCKP)
t(CKDO)
t(LRDO)
1.4 V
1.4 V
1.4 V
0.5 VDD
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
150
ns
t(BCKH)
BCK pulse duration high
60
ns
t(BCKL)
BCK pulse duration low
60
ns
t(LRSU)
LRCK setup time to BCK rising edge
40
ns
t(LRHD)
LRCK hold time to BCK rising edge
20
ns
t(LRCP)
LRCK period
10
µs
t(FSSU)
FSYNC setup time to BCK rising edge
20
ns
t(FSHD)
FSYNC hold time to BCK rising edge
20
ns
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
tr
Rise time of all signals
10
ns
tf
Fall time of all signals
10
ns
NOTE: Timing measurement reference level is (VIH/VIL)/2. Rise and fall times are measured from 10% to 90% of IN/OUT signal swing. Load
capacitance of DOUT is 20 pF.
Figure 25. Audio Data Interface Timing (Slave Mode: FSYNC, LRCK, BCK Work as Inputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com