Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DBR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DBR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 16Page - Texas Instruments PCM1802DBR Datasheet HTML 17Page - Texas Instruments PCM1802DBR Datasheet HTML 18Page - Texas Instruments PCM1802DBR Datasheet HTML 19Page - Texas Instruments PCM1802DBR Datasheet HTML 20Page - Texas Instruments PCM1802DBR Datasheet HTML 21Page - Texas Instruments PCM1802DBR Datasheet HTML 22Page - Texas Instruments PCM1802DBR Datasheet HTML 23Page - Texas Instruments PCM1802DBR Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
22
www.ti.com
APPLICATION INFORMATION
board design and layout considerations
VCC, VDD pins
The digital and analog power supply lines to the PCM1802 should be bypassed to the corresponding ground
pins with 0.1-
µF ceramic and 10-µF tantalum capacitors as close to the pins as possible to maximize the
dynamic performance of the ADC.
AGND, DGND pins
To maximize the dynamic performance of the PCM1802, the analog and digital grounds are not connected
internally. These grounds should have very low impedance to avoid digital noise feeding back into the analog
ground. They should be connected directly to each other under the parts to reduce the potential noise problem.
VIN pins
A 1-
µF capacitor is recommended as an ac-coupling capacitor which gives 8-Hz cutoff frequency. If a higher
full-scale input voltage is required, it can be accommodated by adding only one series resistor to each VIN pin.
VREF1 pin
A 0.1-
µF ceramic and 10-µF chemical capacitors are recommended between VREF1 and AGND to insure low
source impedance of ADC references. These capacitors should be located as close as possible to the VREF1
pin to reduce the dynamic errors on ADC references.
VREF2 pin
The differential voltage between VREF2 and AGND sets the analog input full-scale range. A 0.1-µF ceramic and
10-
µF chemical capacitors are recommended between VREF2 and AGND with insertion of a 1-kΩ resistor
between VCC and VREF2 for using a noisy analog power supply. These capacitors and resistor are not required
for clean analog supply. These capacitors should be located as close as possible to the VREF2 pin to reduce
the dynamic errors on ADC references. Full-scale input level is affected by this 1-k
Ω resistor and decreases
by 3%.
DOUT pin
The DOUT pin has enough load drive capability, but locating a buffer near the PCM1802 and minimizing load
capacitance is recommended if the DOUT line is long, in order to minimize the digital-analog crosstalk and
maximize the dynamic performance of the ADC.
system clock
The quality of the system clock can influence dynamic performance, as the PCM1802 operates based on the
system clock. In slave mode, it may be necessary to consider the system-clock duty cycle, jitter, and the time
difference between the system clock transition and the BCK or LRCK transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com