Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1802DBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DBR Datasheet(HTML) 1 Page - Texas Instruments

  PCM1802DBR Datasheet HTML 1Page - Texas Instruments PCM1802DBR Datasheet HTML 2Page - Texas Instruments PCM1802DBR Datasheet HTML 3Page - Texas Instruments PCM1802DBR Datasheet HTML 4Page - Texas Instruments PCM1802DBR Datasheet HTML 5Page - Texas Instruments PCM1802DBR Datasheet HTML 6Page - Texas Instruments PCM1802DBR Datasheet HTML 7Page - Texas Instruments PCM1802DBR Datasheet HTML 8Page - Texas Instruments PCM1802DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
SINGLE-ENDED ANALOG-INPUT
24-BIT, 96-kHz STEREO A/D CONVERTER
1
www.ti.com
FEATURES
D 24-Bit Delta-Sigma Stereo A/D Converter
D Single-Ended Voltage Input: 3 V p-p
D Antialiasing Filter Included
D Oversampling Decimation Filter
– Oversampling Frequency:
×64, ×128
– Passband Ripple:
±0.05 dB
– Stopband Attenuation: –65 dB
– On-Chip HPF (Low Cut Filter): 0.84 Hz
(44.1 kHz)
D High Performance
– THD+N: 96 dB (Typical)
– SNR: 105 dB (Typical)
– Dynamic Range: 105 dB (Typical)
D PCM Audio Interface
– Master/Slave Mode Selectable
– Data Formats: 24-Bit Left-Justified;
24-Bit I2S; 20-, 24-Bit Right-Justified
D Sampling Rate: 16 kHz to 96 kHz
D System Clock: 256 fS, 384 fS, 512 fS, 768 fS
D Dual Power Supplies: 5 V for Analog, 3.3 V for
Digital
D Package: 20-Pin SSOP
D Lead-Free Product
APPLICATIONS
D AV Amp Receiver
D MD Player
D CD Recorder
D Multitrack Receiver
D Electric Musical Instrument
DESCRIPTION
The PCM1802 is a high-performance, low-cost,
single-chip stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1802 uses
a delta-sigma modulator with 64- or 128-times over-
sampling, and includes a digital decimation filter and
HPF (low cut filter) which removes the dc component of
the input signal. For various applications, the PCM1802
supports master and slave modes and four data formats
in serial interface. The PCM1802 is suitable for a wide
variety of cost-sensitive consumer applications where
good performance, 5-V analog supply, and 3.3-V digital
supply operation is required. The PCM1802 is
fabricated using a highly advanced CMOS process and
is available in the DB 20-pin SSOP package.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level,
preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for
Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Audio Precision and System Two are trademarks of Audio Precision.
Other trademarks are the property of their respective owners.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - PCM1802DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802DBR TI1-PCM1802DBR Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBR TI2-PCM1802DBR Datasheet
890Kb / 35P
PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
REVISED DECEMBER 2016
PCM1802DBR.B TI2-PCM1802DBR.B Datasheet
890Kb / 35P
PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
REVISED DECEMBER 2016
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4.B TI2-PCM1802DBRG4.B Datasheet
890Kb / 35P
PCM1802 Single-Ended Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
REVISED DECEMBER 2016
More results

Similar Description - PCM1802DBR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
24-Bit, 96 kHz Stereo A/D Converter?
logo
Texas Instruments
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com