Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM4232 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TOIM4232
Description  SIR Endec for IrDA Applications Integrated Interface Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM4232 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TOIM4232 Datasheet HTML 5Page - Vishay Siliconix TOIM4232 Datasheet HTML 6Page - Vishay Siliconix TOIM4232 Datasheet HTML 7Page - Vishay Siliconix TOIM4232 Datasheet HTML 8Page - Vishay Siliconix TOIM4232 Datasheet HTML 9Page - Vishay Siliconix TOIM4232 Datasheet HTML 10Page - Vishay Siliconix TOIM4232 Datasheet HTML 11Page - Vishay Siliconix TOIM4232 Datasheet HTML 12Page - Vishay Siliconix TOIM4232 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TOIM4232
Document Number 82546
Rev. 1.5, 06-Jun-06
Vishay Semiconductors
www.vishay.com
9
Table 3.
Recommended Application Circuit Components
Component
Recommended Value
Vishay Part Number
1
C1
22 µF, 16 V
293D 226X9 016C 2T
2
C2
47 µF, 16 V
293D 476X9 016D 2T
3
C3
22 pF
VJ 1206 A 220 J XAMT
4
C4
22 pF
VJ 1206 A 220 J XAMT
5
C5
100 nF
VJ 1206 Y 104 J XXMT
6
C6
6.8 µF, 16 V
293D 685X9 016B 2T
7D1
1N4148
8D2
1N4148
9
D4
BZT55C4V7
10
D5
1N4148
11
D6
1N4145
12
D7
BZT55C3V9
13
IRED1
TSHF5400
14
Jumper
CRCW-1206-000-F-RT1
15
LED1
TLLY4401
16
LED2
TLLG4401
17
Q1
BC817-25
18
Q2
VP 0610 0T
19
Q3
BC817-25
20
Q4
BC817-25
21
QZ1
3.686400 MHz
XT49S - 20 - 3.686400M
22
R1
22 k
Ω
CRCW-1206-2202-F-RT1
23
R2
10 k
Ω
CRCW-1206-1002-F-RT1
24
R3
22 k
Ω
CRCW-1206-2202-F-RT1
25
R5
1 k
Ω
CRCW-1206-1001-F-RT1
26
R6
47 k
Ω
CRCW-1206-4702-F-RT1
27
R9
5.6 k
Ω
CRCW-1206-5601-F-RT1
28
R10
100 k
Ω
CRCW-1206-1003-F-RT1
29
R11
100
Ω
CRCW-1206-1000-F-RT1
30
R12
20
Ω
CRCW-1206-20R0-F-RT1
21
R13
1 k
Ω
CRCW-1206-1001-F-RT1
32
R17
750
Ω
CRCW-1206-7500-F-RT1
33
R18
750
Ω
CRCW-1206-750-F-RT1
34
VB1
9 Pin - D- Sub
Cannon
35
PCB
VISHAY Dongle_3
36
U1
TOIM4232
37
U2
TFDU4100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com