Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM4232 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TOIM4232
Description  SIR Endec for IrDA Applications Integrated Interface Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM4232 Datasheet(HTML) 3 Page - Vishay Siliconix

  TOIM4232 Datasheet HTML 1Page - Vishay Siliconix TOIM4232 Datasheet HTML 2Page - Vishay Siliconix TOIM4232 Datasheet HTML 3Page - Vishay Siliconix TOIM4232 Datasheet HTML 4Page - Vishay Siliconix TOIM4232 Datasheet HTML 5Page - Vishay Siliconix TOIM4232 Datasheet HTML 6Page - Vishay Siliconix TOIM4232 Datasheet HTML 7Page - Vishay Siliconix TOIM4232 Datasheet HTML 8Page - Vishay Siliconix TOIM4232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TOIM4232
Document Number 82546
Rev. 1.5, 06-Jun-06
Vishay Semiconductors
www.vishay.com
3
Block diagram of application circuit
Operating the interface circuit at a PC COM - port.
When operating directly with an UART with 3 V - or
5 V - logic, in the application circuit no level converter
is necessary.
Table 1.
Recommended Application Circuit Components
Absolute Maximum Ratings
DC Characteristics
VCC = 3.3 V ± 5 %, operating temperature = - 55 °C to + 125 °C
18081
DTR
RTS
TXD
RXD
RESET VCC_SD
BR/D
TD_IR
TD_232
RD_IR
RD_232
TOIM4232
VCC
TXD
RXD
RS232 9 pin
connector
Level
converter
X1
X2
TFDU4100
TFDS420x
TFDU4300
R1
100 k
Ω
C1
C2
3.6864 MHz
2x22pF
Component
Recommended Value
Vishay Part Number
C1
22 pF
VJ 1206 A 220 J XAMT
C2
22 pF
VJ 1206 A 220 J XAMT
R1
100 k
Ω
CRCW-1206-1003-F-RT1
Quartz Crystal
3.686400 MHz
XT49S - 20 - 3.686400M
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
- 0.5
3.6
V
Input voltage
all pins
- 0.5
5.5
V
Output voltage
all pins
- 0.5
VCC + 0.5
V
Output sinking current, max
all pins
IO
8mA
Junction temperature, max
TJ
125
°C
Ambient temperature
(operating)
Tamb
- 25
85
°C
Storage temperature
Tstg
- 25
85
°C
Soldering temperature
Tsldr
260
°C
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Operating voltage
VCC
2.7
3.3
3.6
V
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Input HIGH voltage
inputs tolerate levels as high as
5.5 V max. all inputs are Schmitt
trigger inputs
VIH
2.0
V
Input LOW voltage
VIL
0.8
V
Input Schmitt trigger hysteresis
Vhyst
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com