Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM4232 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TOIM4232
Description  SIR Endec for IrDA Applications Integrated Interface Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM4232 Datasheet(HTML) 4 Page - Vishay Siliconix

  TOIM4232 Datasheet HTML 1Page - Vishay Siliconix TOIM4232 Datasheet HTML 2Page - Vishay Siliconix TOIM4232 Datasheet HTML 3Page - Vishay Siliconix TOIM4232 Datasheet HTML 4Page - Vishay Siliconix TOIM4232 Datasheet HTML 5Page - Vishay Siliconix TOIM4232 Datasheet HTML 6Page - Vishay Siliconix TOIM4232 Datasheet HTML 7Page - Vishay Siliconix TOIM4232 Datasheet HTML 8Page - Vishay Siliconix TOIM4232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 82546
Rev. 1.5, 06-Jun-06
TOIM4232
Vishay Semiconductors
Operation Description
Figure 2 shows a typical example of an RS232 port
interface. The TOIM4232 connects to an RS232 level
converter on one side, and an infrared transceiver on
the other. The internal TOIM4232 baud rate generator
can be software controlled.
When BR/D = 0, the TOIM4232 interprets the chan-
nels TD_232 to TD_IR and RD_IR to RD_232 as data
channels.
On the other hand, whenever BR/D = 1, the
TOIM4232 interprets TD_232 as Control Word for
setting the Baud rate. The Baud rate can be pro-
grammed to operate from 1200 bit/s to 115.2 kbit/s.
As RS232 level converter, EIA232 or MAX232 or
equivalent are recommended.
When using the TOIM4232 directly connected to an
UART it is compatible to 5 V TTL and 3.3 V CMOS
logic.
Typical external resistors and capacitors are needed
as shown in the TFDx4xxx references.
The output pulse duration can also be programmed,
see chapter "Operation Description". It is strongly rec-
ommended using 1.627 µs output pulses to save bat-
tery power. As frequency determining component a
Vishay XT49M Crystal is recommended, when no
external clock is available.
We strongly recommend not to use this 3/16 mode
because 3/16 pulse length at lower bit rates con-
sumes more power than the shorter pulse. At a
data rate of 9600 bit/s, the ratio of power con-
sumption of both modes is a factor of 12 (!).
Programming the TOIM4232
For
correct,
data
rate
dependent
timing
the
TOIM4232 is using a built-in baud rate generator.
This is used when no external clock is not available as
in RS232 IR-dongle applications. For programming
the BR/D pin has to be set active, BR/D = 1.
In this case the TOIM4232 interprets the 7 LSBs at
the TD_232 input as a Control Word. The operating
baud rate will change to its supposedly new baud rate
when the BR/D returns back to LOW ("0") Set the
UART to 8 bit, no parity, 1 stop bit.
Control Byte (8 bit)
X: Do not care
S1, S2: User programmble bit to program the outputs
S1 and S2
S0: Irda pulse select
S0 = (1): 1.627 µs pulses
S0 = (0): 3/16 bit time pulses, not recommended
B0 .. B3: Baud rate select words
Example:
To set TOIM4232 at COM2 port (2F8) to 9600 bit/s
with 3/16 bit time pulse duration send to the
TOIM4232 in programming mode in e.g. "Basic"
OUT &H2F8, (&H6)
For same port, 9600 bit/s and 1.627 µs pulse duration
send
OUT &H2F8, (&H16)
For additionally activating S1 send
OUT &H2F8, (&H36)
Input leakage no pull-up/down
VIN = VDD or GND
IL
- 10
± 1
10
μA
Output HIGH voltage
IOH = - 2.0 mA
VOH
2.0
V
IOH = - 0.5 mA
VOH
2.4
V
Output LOW voltage
IOL = + 2.0 mA
VOL
0.4
V
Consumption current standby
inputs grounded, no output load
VCC = 3.3 V, T = 25 °C
ISB
1µA
Consumption current dynamic
inputs grounded, no output load
VCC = 3.3 V, T = 25 °C
ICC
2mA
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
First Character
Second Character
X
S2
S1
S0
B3
B2
B1
B0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com