Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM4232 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TOIM4232
Description  SIR Endec for IrDA Applications Integrated Interface Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM4232 Datasheet(HTML) 5 Page - Vishay Siliconix

  TOIM4232 Datasheet HTML 1Page - Vishay Siliconix TOIM4232 Datasheet HTML 2Page - Vishay Siliconix TOIM4232 Datasheet HTML 3Page - Vishay Siliconix TOIM4232 Datasheet HTML 4Page - Vishay Siliconix TOIM4232 Datasheet HTML 5Page - Vishay Siliconix TOIM4232 Datasheet HTML 6Page - Vishay Siliconix TOIM4232 Datasheet HTML 7Page - Vishay Siliconix TOIM4232 Datasheet HTML 8Page - Vishay Siliconix TOIM4232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TOIM4232
Document Number 82546
Rev. 1.5, 06-Jun-06
Vishay Semiconductors
www.vishay.com
5
Baud Rate Select Words
Note: IrDA standard only supports 2.4, 9.6, 19.2, 57.6, and 115.2 kbit/s.
Software for the TOIM4232
UART Programming
For proper operation, the RS232 must be programmed (using 8 bit, 1 stop, no parity) to send a two character control word, YZ. The control
word YZ is composed of two characters, written in hexadecimal, in format: YZ. The transfer rate for programming must be identical with
the formerly programmed data rate, or after resetting the TOIM4232, the default rate of 9600 bit/s is used.
*) For programming the UART, refer to e.g., National Semiconductor’s data sheet of PC 16550 UART
B3
B2
B1
B0
2nd
Char
Baud Rate
00
00
0
115.2 k
00
11
57.6 k
01
02
38.4 k
01
13
19.2 k
10
04
14.4 k
10
15
12.8 k
11
06
9.6 k
11
17
7.2 k
10
00
8
4.8 k
00
19
3.6 k
01
0
A
2.4 k
01
1
B
1.8 k
10
0
C
1.2 k
10
1
D
forbidden
11
0
E
forbidden
11
1
F
forbidden
Step.
RESET
BR/ D
TD_UART
RD_UART
RD_IR
TD_IR
Description and Comments
1
High
XXXX
X
Resets all internal registers. Resets to
IrDA default data rate of 9600 bit/s
2
Low
XXXX
X
Wait at least 2 ms, to allow start-up of
internal clock. When external clock is
used: Wait at least 7 µs.
3
Low
High
X
X
X
X
Wait at least 7 µs. TOIM4232 now is set
to the Control Word programming mode
4Low
High
YZ
with Y = 1
for 1.627 µs
Y = 0
3/16 bit
length
X
X
X
Sending the Control Word YZ.
Examples: Send "1Z" if 1.627 µs pulses
are intended to be used. Otherwise
send "0Z" for 3/16 bit period pulses.
"Y6" keeps the 9.6 kbit/s data rate.
Z = 0 sets to 115.2 kbit/s, see
programming table.
Wait at least 1 µs for hold-time.
5
Low
Low
DATA
DATA
DATA
DATA
With BR/D = 0, TOIM4232 is in the data
communication mode. Both RESET
and BR/D must be kept LOW ("0")
during data transmission.
Reprogramming to a new data rate can
be resumed by restarting from step 3.
The UART itself also must set to the
correct data rate *).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com