Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-AP Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5507-AP
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-AP Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5507-AP Datasheet HTML 11Page - Cirrus Logic CS5507-AP Datasheet HTML 12Page - Cirrus Logic CS5507-AP Datasheet HTML 13Page - Cirrus Logic CS5507-AP Datasheet HTML 14Page - Cirrus Logic CS5507-AP Datasheet HTML 15Page - Cirrus Logic CS5507-AP Datasheet HTML 16Page - Cirrus Logic CS5507-AP Datasheet HTML 17Page - Cirrus Logic CS5507-AP Datasheet HTML 18Page - Cirrus Logic CS5507-AP Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AIN1. The BP/UP pin is not a latched input. The
BP/UP pin controls how the output word from
the digital filter is processed. In bipolar mode
the output word computed by the digital filter is
offset by 8000H in the 16-bit CS5505/7 or
80000H in 20-bit CS5506/8 (see Understanding
Converter Calibration). BP/UP can be changed
after a conversion is started as long as it is stable
for 82 clock cycles of the conversion period
prior to DRDY falling. If one wishes to intermix
measurement of bipolar and unipolar signals on
various input channels, it is best to switch the
BP/UP pin immediately after DRDY falls and
leave BP/UP stable until DRDY falls again. If
the converter is beginning a conversion starting
from the standby state, BP/UP can be changed at
the same time as A0 and A1.
The digital filter in the CS5505/6/7/8 has a Fi-
nite Impulse Response and is designed to settle
to full accuracy in one conversion time. There-
fore, the multiplexer can be changed at the
conversion rate.
If CONV is left high, the CS5505/6/7/8 will per-
form continuous conversions on one channel.
The conversion time will be 1622 clock cycles.
If conversion is initiated from the standby state,
there may be up to two XIN clock cycles of un-
certainty as to when conversion actually begins.
This is because the internal logic operates at one
half the external clock rate and the exact phase
of the internal clock may be 180
° out of phase
relative to the XIN clock. When a new conver-
sion is initiated from the standby state, it will
take up to two XIN clock cycles to begin. Actual
conversion will use 1624 clock cycles before
DRDY goes low to indicate that the serial port
has been updated. See the Serial Interface Logic
section of the data sheet for information on read-
ing data from the serial port.
In the event the A/D conversion command
(CONV going positive) is issued during the con-
version state, the current conversion will be
terminated and a new conversion will be initi-
ated.
Voltage Reference
The CS5505/6/7/8 uses a differential voltage ref-
erence input. The positive input is VREF+ and
the negative input is VREF-. The voltage be-
tween VREF+ and VREF- can range from 1 volt
minimum to 3.6 volts maximum. The gain slope
will track changes in the reference without re-
c a lib ra tion, a cc omm odating ra ti ome tric
applications.
The CS5505/6/7/8 include an on-chip voltage
reference which outputs 2.5 volts on the VRE-
FOUT pin. This voltage is referenced to the
VA+ pin and will track changes relative to VA+.
The VREFOUT output requires a 0.1
µF capaci-
tor connected between VREFOUT and VA+ for
stability. When using the internal reference, the
VREFOUT signal should be connected to the
VREF- input and the VREF+ pin should be con-
nected to the VA+ supply. The internal voltage
reference is capable of sourcing 3
µA maximum
and sinking 50
µA maximum. If a more precise
reference voltage is required, an external voltage
reference should be used. If an external voltage
reference is used, the VREFOUT pin of the in-
ternal reference should be connected directly to
VA-. It cannot be left open unless the 0.1
µF ca-
pacitor is in place for stability.
CS5505/6/7/8
VA+
VREF+
VREF-
VREFOUT
VA-
2.5V
-VA
+VA
LT1019,
REF43
or
LM368
Figure 5. External Reference Connections
CS5505/6/7/8
DS59F4
15
CS5505/6/7/8
DS59F5
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com