Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-AP Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5507-AP
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-AP Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5507-AP Datasheet HTML 20Page - Cirrus Logic CS5507-AP Datasheet HTML 21Page - Cirrus Logic CS5507-AP Datasheet HTML 22Page - Cirrus Logic CS5507-AP Datasheet HTML 23Page - Cirrus Logic CS5507-AP Datasheet HTML 24Page - Cirrus Logic CS5507-AP Datasheet HTML 25Page - Cirrus Logic CS5507-AP Datasheet HTML 26Page - Cirrus Logic CS5507-AP Datasheet HTML 27Page - Cirrus Logic CS5507-AP Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Figure 14 illustrates the System Connection Dia-
gram for the CS5505/6 using a single +5V
supply. Note that all supply pins are bypassed
with 0.1
µF capacitors and that the VD+ digital
supply is derived from the VA+ supply.
Figure 15 illustrates the CS5505/6 using dual
supplies of +5 and -5V.
Figure 16 illustrates the CS5505/6 using dual
supplies of +10V analog and +5V digital.
When using separate supplies for VA+ and
VD+, VA+ must be established first.
VD+
should never become more positive than VA+
under any operating condition. Remember to in-
vestigate transient power-up conditions, when
one power supply may have a faster rise time.
CS5505/6
+5V
Analog
Supply
VD+
10
Ω
VA+
M/SLP
SCLK
SDATA
CAL
VREF+
VREF-
DGND
VA-
DRDY
CS
A0
A1
BP/UP
AIN1+
AIN-
AIN2+
AIN3+
AIN4+
CONV
Note:
XIN
XOUT
To use the internal 2.5 volt reference see Figure 6.
*Unused analog inputs
should be tied to AIN-
0.1
µF
0.1
µF
4
8
13
12
11
10
9
14
15
1
2
3
5
6
7
17
18
19
20
21
22
23
24
Analog*
Signal
Sources
Signal
Ground
32.768 kHz
Voltage
Reference
16
VREFOUT
+
-
Calibration
Control
Bipolar/
Unipolar
Input Select
Unused Logic
inputs must be
connected to
VD+ or DGND.
Control
Logic
Serial
Data
Interface
Sleep Mode
Control
and
Output Mode
Select
Optional
Clock
Source
0.1
µF
-5V
Analog
Supply
Figure 15. CS5505/6 System Connection Diagram Using External Reference, Dual Supplies
CS5505/6/7/8
24
DS59F4
CS5505/6/7/8
24
DS59F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com