Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-AP Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5507-AP
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-AP Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5507-AP Datasheet HTML 30Page - Cirrus Logic CS5507-AP Datasheet HTML 31Page - Cirrus Logic CS5507-AP Datasheet HTML 32Page - Cirrus Logic CS5507-AP Datasheet HTML 33Page - Cirrus Logic CS5507-AP Datasheet HTML 34Page - Cirrus Logic CS5507-AP Datasheet HTML 35Page - Cirrus Logic CS5507-AP Datasheet HTML 36Page - Cirrus Logic CS5507-AP Datasheet HTML 37Page - Cirrus Logic CS5507-AP Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Introduction
The CDB5505/6/7/8 evaluation board provides a
quick means of testing the CS5505/6/7/8 series
A/D converters. The CS5505/6/7/8 converters
require a minimal amount of external circuitry.
The evaluation board comes configured with the
A/D converter chip operating from a 32.768 kHz
crystal and with an off-chip precision 2.5 volt
reference. The board provides access to all of
the digital interface pins of the CS5505/6/7/8
chip.
The board is configured for operation from +5
and -5 volt power supplies, but can be operated
from a single +5 volt supply if the -5V binding
post is shorted to the GND binding post.
Evaluation Board Overview
The board provides a complete means of making
the CS5505/6/7/8 A/D converter chip function.
The user must provide a means of taking the
output data from the board in serial format and
using it in his system.
Figure 1 illustrates the schematic for the board.
The board comes configured for the A/D con-
verter chip to operate from the 32.768 kHz
watch crystal. A BNC connector for an external
clock is provided on the board. To connect the
external BNC source to the converter chip, a cir-
cuit trace must be cut. Then a jumper must be
inserted in the proper holes to connect the XIN
pin of the converter to the input line from the
BNC. The BNC input is terminated with a 50
Ω
resistor. Remove this resistor if driving from a
logic gate. See the schematic in Figure 1.
The board comes with the A/D converter
VREF+ and VREF- pins hard-wired to the
2.5 volt bandgap voltage reference IC on the
board. The VREF+ and VREF- pins can be con-
nected to either the on chip reference or an
off-board reference if the connections (2A and
2B) to the bandgap IC are cut.
Note that the pin-out of the CS5505/6/7/8 series
chips allows the 20-pin single channel devices to
be plugged into the 24-pin, four channel foot-
print. See Figure 2 which illustrates the footprint
compatibility.
Prior to powering up the board, select the serial
port operating mode with the appropriate jumper
on the M/SLP header. The device can be oper-
a t e d
in
e ither
the
SSC
(Synchronous
Self-Clocking) or the SEC (Synchronous Exter-
nal Clocking) mode. See the device data sheet
for an explanation of these modes.
All of the control pins of the CS5505/6/7/8 are
available at the J1 header connector. Buffer ICs
U2 and U3 are used to buffer the converter for
interface to off-board circuits. The buffers are
used on the evaluation board only because the
exact loading and off-board circuitry is un-
known. Most applications will not require the
buffer ICs for proper operation.
To put the board in operation, select either bipo-
lar or unipolar mode with DIP switch S2. Then
press the CAL pushbutton after the board is
powered up. This initiates calibration of the con-
verter which is required before measurements
can be taken.
To select an input channel on the four channel
devices, use DIP switch S2 to select the inputs
A1
A0
Channel addressed
00
AIN1
01
AIN2
10
AIN3
11
AIN4
Table 1. Multiplexer Truth Table
CS5505/6/7/8
34
DS59DB2
CDB5505/6/7/8
34
DS59DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com