Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-AP Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5507-AP
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-AP Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5507-AP Datasheet HTML 17Page - Cirrus Logic CS5507-AP Datasheet HTML 18Page - Cirrus Logic CS5507-AP Datasheet HTML 19Page - Cirrus Logic CS5507-AP Datasheet HTML 20Page - Cirrus Logic CS5507-AP Datasheet HTML 21Page - Cirrus Logic CS5507-AP Datasheet HTML 22Page - Cirrus Logic CS5507-AP Datasheet HTML 23Page - Cirrus Logic CS5507-AP Datasheet HTML 24Page - Cirrus Logic CS5507-AP Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
with other crystals in the range of 30 kHz to
53 kHz. Over the military temperature range (-
55 to +125
°C) the on-chip gate oscillator is
designed to work only with a 32.768 kHz crys-
tal. The chip will operate with external clock
frequencies from 30 kHz to 163 kHz.over all
temperature ranges. The 32.768 kHz crystal is
normally specified as a time-keeping crystal with
tight specifications for both initial frequency and
for drift over temperature. To maintain excellent
frequency stability, these crystals are specified
only over limited operating temperature ranges
(i.e. -10 to +60
°C) by the manufacturers. Appli-
cations of these crystals with the CS5505/6/7/8
do not require tight initial tolerance or low
tempco drift. Therefore, a lower cost crystal with
looser initial tolerance and tempco will generally
be adequate for use with the CS5505/6/7/8 con-
verters. Also check with the manufacturer about
wide temperature range application of their
standard crystals. Generally, even those crystals
specified for limited temperature range will op-
erate over much larger ranges if frequency
stability over temperature is not a requirement.
The frequency stability can be as bad as
±3000
ppm over the operating temperature range and
still be typically better than the line frequency
(50 or 60 Hz) stability over cycle to cycle during
the course of a day. There are crystals available
for operation over the military temperature range
(-55 to +125
°C). See the Appendix for suppliers
of 32.768 kHz crystals.
Serial Interface Logic
The digital filter in the CS5505/6/7/8 takes 1624
clock cycles to compute an output word once a
conversion begins. At the end of the conversion
cycle, the filter will attempt to update the serial
port. Two clock cycles prior to the update
DRDY will go high. When DRDY goes high
just prior to a port update it checks to see if the
port is either empty or unselected (CS = 1). If
the port is empty or unselected, the digital filter
will update the port with a new output word.
When new data is put into the port DRDY will
go low.
Data can be read from the serial port in either of
two modes. The M/SLP pin determines which
serial mode is selected. Serial port mode selec-
tion is as follows:
SSC (Synchronous Self-Clocking) mode;
M/SLP = VD+, or SEC (Synchronous External
Clocking) mode; M/SLP = DGND. Timing dia-
grams which illustrate the SSC and SEC timing
are in the tables section of this data sheet.
Synchronous Self-Clocking Mode
The serial port operates in the SSC mode when
the M/SLP pin is connected to the VD+ pin on
the part.
In SSC mode the CS5505/6/7/8 fur-
nishes both the serial output data (SDATA) and
the serial clock (SCLK). When the serial port is
updated at the end of a conversion, DRDY falls.
If CS is low, the SDATA and SCLK pins will
come out of the high impedance state two XIN
clock cycles after DRDY falls. The MSB data
bit will be presented for two cycles of XIN
clock. The SCLK signal will rise in the middle
of the MSB data bit. When SCLK then returns
low the (MSB - 1) bit will appear. Subsequent
data bits will be output on each falling edge of
SCLK until the LSB data bit is output. After the
LSB data bit is output, the SCLK will fall at
which time both the SDATA and SCLK outputs
will return to the high impedance output state.
DRDY will return high at this time.
If CS is taken low after DRDY falls, the MSB
data bit will appear within two XIN clock cycles
after CS is taken low. CS need not be held low
for the entire data output. If CS is returned high
during a data bit the port will complete the out-
put of that bit and then go into the Hi-Z state.
The port can be reselected any time prior to the
completion of the next conversion (DRDY fall-
ing) to allow the remaining data bits to be
output.
CS5505/6/7/8
DS59F4
21
CS5505/6/7/8
DS59F5
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com