Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX83C10RL Datasheet(PDF) 42 Page - Motorola, Inc

Part # BZX83C10RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX83C10RL Datasheet(HTML) 42 Page - Motorola, Inc

Back Button BZX83C10RL Datasheet HTML 34Page - Motorola, Inc BZX83C10RL Datasheet HTML 35Page - Motorola, Inc BZX83C10RL Datasheet HTML 36Page - Motorola, Inc BZX83C10RL Datasheet HTML 37Page - Motorola, Inc BZX83C10RL Datasheet HTML 38Page - Motorola, Inc BZX83C10RL Datasheet HTML 39Page - Motorola, Inc BZX83C10RL Datasheet HTML 40Page - Motorola, Inc BZX83C10RL Datasheet HTML 41Page - Motorola, Inc BZX83C10RL Datasheet HTML 42Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
Motorola TVS/Zener Device Data
6-138
5 Watt Surmetic 40 Data Sheet
5 Watt Surmetic 40
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Zener Voltage Regulator Diodes — Axial Leaded
CASE 17-02
PLASTIC
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Tape and Reel
4K
Type No. Suffix
RL
MPQ (Units)
Tape and Ammo
TA
2K
B
A
K
D
F
K
F
1
2
NOTE:
1. LEAD DIAMETER & FINISH NOT CONTROLLED
WITHIN DIM F.
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
8.38
3.30
0.94
—
25.40
8.89
3.68
1.09
1.27
31.75
0.330
0.130
0.037
—
1.000
0.350
0.145
0.043
0.050
1.250
A
B
D
F
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com