Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX83C10RL Datasheet(PDF) 16 Page - Motorola, Inc

Part # BZX83C10RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX83C10RL Datasheet(HTML) 16 Page - Motorola, Inc

Back Button BZX83C10RL Datasheet HTML 12Page - Motorola, Inc BZX83C10RL Datasheet HTML 13Page - Motorola, Inc BZX83C10RL Datasheet HTML 14Page - Motorola, Inc BZX83C10RL Datasheet HTML 15Page - Motorola, Inc BZX83C10RL Datasheet HTML 16Page - Motorola, Inc BZX83C10RL Datasheet HTML 17Page - Motorola, Inc BZX83C10RL Datasheet HTML 18Page - Motorola, Inc BZX83C10RL Datasheet HTML 19Page - Motorola, Inc BZX83C10RL Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
@
(Note 5)
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-112
500 mW DO-35 Glass Data Sheet
Designed for 250 mW applications requiring low leakage,
low impedance. Same as 1N4099 through 1N4104 and
1N4614 through 1N4627 except low noise test omitted.
• Voltage Range from 1.8 to 10 Volts
• Zener Impedance and Zener Voltage Specified for Low-
Level Operation at IZT = 250 µA
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified. IZT = 250 µA and VF = 1 V Max @ IF = 200 mA for all
ELECTRICAL CHARACTERISTICS types)
Type
Number
(Note 1)
Nominal
Zener Voltage
VZ
(Note 2)
(Volts)
Max Zener
Impedance
ZZT
(Note 3)
(Ohms)
Max
Reverse
Current
IR
(
µA)
Test
Voltage
VR
(Volts)
Max Zener Current
IZM
(Note 4)
(mA)
MZ4614
1.8
1200
7.5
1
120
MZ4615
2
1250
5
1
110
MZ4616
2.2
1300
4
1
100
MZ4617
2.4
1400
2
1
95
MZ4618
2.7
1500
1
1
90
MZ4619
3
1600
0.8
1
85
MZ4620
3.3
1650
7.5
1.5
80
MZ4621
3.6
1700
7.5
2
75
MZ4622
3.9
1650
5
2
70
MZ4623
4.3
1600
4
2
65
MZ4624
4.7
1550
10
3
60
MZ4625
5.1
1500
10
3
55
MZ4626
5.6
1400
10
4
50
MZ4627
6.2
1200
10
5
45
MZ4099
6.8
200
10
5.2
35
MZ4100
7.5
200
10
5.7
31.8
MZ4101
8.2
200
1
6.3
29
MZ4102
8.7
200
1
6.7
27.4
MZ4103
9.1
200
1
7
26.2
MZ4104
10
200
1
7.6
24.8
NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers shown have a standard tolerance of
±5% on the nominal zener voltage.
NOTE 2. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal Zener Voltage is measured with the device junction in the thermal equilibrium with
ambient temperature of 25
°C.
NOTE 3. ZENER IMPEDANCE (ZZT) DERIVATION
The zener impedance is derived from the 60 cycle ac voltage, which results when an ac cur-
rent having an rms value equal to 10% of the dc zener current (IZT) is superimposed on IZT.
NOTE 4. MAXIMUM ZENER CURRENT RATINGS (IZM)
Maximum zener current ratings are based on maximum zener voltage of the individual units.
NOTE 5. REVERSE LEAKAGE CURRENT IR
Reverse leakage currents are guaranteed and are measured at VR as shown on the table.
NOTE 6. SPECIAL SELECTORS AVAILABLE INCLUDE:
A) Tighter voltage tolerances. Contact your nearest Motorola representative for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com