Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX83C10RL Datasheet(PDF) 26 Page - Motorola, Inc

Part # BZX83C10RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX83C10RL Datasheet(HTML) 26 Page - Motorola, Inc

Back Button BZX83C10RL Datasheet HTML 22Page - Motorola, Inc BZX83C10RL Datasheet HTML 23Page - Motorola, Inc BZX83C10RL Datasheet HTML 24Page - Motorola, Inc BZX83C10RL Datasheet HTML 25Page - Motorola, Inc BZX83C10RL Datasheet HTML 26Page - Motorola, Inc BZX83C10RL Datasheet HTML 27Page - Motorola, Inc BZX83C10RL Datasheet HTML 28Page - Motorola, Inc BZX83C10RL Datasheet HTML 29Page - Motorola, Inc BZX83C10RL Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-122
500 mW DO-35 Glass Data Sheet
1–1.3 Watt DO-41 Glass
MULTIPLE PACKAGE QUANTITY (MPQ)
REQUIREMENTS
Zener Voltage Regulator Diodes — Axial Leaded
CASE 59-03
DO-41
GLASS
(Refer to Section 10 for Surface Mount, Thermal Data and Footprint Information.)
(Refer to Section 10 for more information on Packaging Specifications.)
Package Option
Tape and Reel
6K
Type No. Suffix
RL, RL2
MPQ (Units)
Tape and Ammo
TA, TA2
4K
NOTES:
1. ALL RULES AND NOTES ASSOCIATED WITH
JEDEC DO-41 OUTLINE SHALL APPLY.
2. POLARITY DENOTED BY CATHODE BAND.
3. LEAD DIAMETER NOT CONTROLLED WITHIN F
DIMENSION.
K
K
F
A
F
D
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
4.07
2.04
0.71
—
27.94
5.20
2.71
0.86
1.27
—
0.160
0.080
0.028
—
1.100
0.205
0.107
0.034
0.050
—
A
B
D
F
K
B
NOTE: 1. The “2” suffix refers to 26 mm tape spacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com